Electronic Components Datasheet Search
  English  ▼

X  

B9478 Datasheet(PDF) 3 Page - EPCOS

Part # B9478
Description  SAW Rx Filter WCDMA Band VII
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9478 Datasheet(HTML) 3 Page - EPCOS

  B9478 Datasheet HTML 1Page - EPCOS B9478 Datasheet HTML 2Page - EPCOS B9478 Datasheet HTML 3Page - EPCOS B9478 Datasheet HTML 4Page - EPCOS B9478 Datasheet HTML 5Page - EPCOS B9478 Datasheet HTML 6Page - EPCOS B9478 Datasheet HTML 7Page - EPCOS B9478 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
November 04, 2010
B9478
2655.0 MHz
SAW Components
SAW Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 100 Ω ||18.0nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2655.0
—
MHz
Maximum insertion attenuation
2620.0
... 2690.0MHz
α
max
—
2.8
3.3
dB
Amplitude ripple (p-p)
∆α
2620.0
... 2690.0MHz
—
1.4
2.0
dB
Input VSWR
2620.0
... 2690.0MHz
—
1.8
2.2
Output VSWR
2620.0
... 2690.0MHz
—
1.8
2.2
Input amplitude balance (|S31/S21|)
2620.0
... 2690.0MHz
—
+/-0.5
+/-1.3
dB
Input phase balance (
φ(S
31) – φ(S21)+180˚)
2620.0
... 2690.0MHz
—
+/-8.0
+/-14
˚
Attenuation
α
0.0
... 2500.0MHz
40
51
—
dB
2500.0
... 2570.0MHz
46
53
—
dB
2750.0
... 6000.0MHz
40
44
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com