Electronic Components Datasheet Search
  English  ▼

X  

MMBTA05 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MMBTA05
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBTA05 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MMBTA05 Datasheet HTML 1Page - KEC(Korea Electronics) MMBTA05 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005. 6. 28
2/2
MMBTA05
Revision No : 3
COLLECTOR CURRENT I
(mA)
C
h
- I
COLLECTOR-CURRENT I
(mA)
C
V
- I
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
I
- V
CBE
BE
BASE EMITTER VOLTAGE V
(V)
FE
C
CE(sat)
C
10
500
500
10
3
1
0.02
0
0
0
0
2
4
68
10
100
200
300
400
EMITTER
5
3
2
1
I =0.5mA
0
B
30
100
30
50
100
300
COMMON EMITTER
V
=1V
CE
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I /I =10
C
B
0.2
0.4
0.6
0.8
1.0
1.2
100
200
300
400
COMMON EMITTER
V
=1V
CE
COMMON
Ta=25 C
1k
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
Ta=100 C
100
300
30
1
3
10
500
AMBIENT TEMPERATURE Ta ( C)
0
0
Pc - Ta
25
50
75
100
125
150
175
100
200
300
400
500
MOUNTED ON 99.5%
ALUMINA 10x8x0.6mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com