Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5229B Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MMBZ5229B
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBZ5229B Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MMBZ5229B Datasheet HTML 1Page - KEC(Korea Electronics) MMBZ5229B Datasheet HTML 2Page - KEC(Korea Electronics) MMBZ5229B Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 6. 3
2/3
MMBZ5221B~5252B
Revision No : 1
ELECTRICAL CHARACTERISTICS (VF=0.9V MAX@IF=10mA for all types)
Note1) : Zener voltage is measured with a pulse test current (IZT) applied at an ambient temperature of 25℃.
TYPE No.
Zener Voltage (Note1)
Zener Impedance
Leakage Current
Vz (V)
@IZT
ZZT@IZT
ZZK@IZK
IR@VR
Min
Normal
Max
mA
Ω
Ω
mA
μA
V
MMBZ5221B
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5222B
2.37
2.5
2.63
20
30
1250
0.25
100
1
MMBZ5223B
2.56
2.7
2.84
20
30
1300
0.25
75
1
MMBZ5224B
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMBZ5225B
2.85
3
3.15
20
29
1600
0.25
50
1
MMBZ5226B
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5227B
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMBZ5228B
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229B
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230B
4.46
4.7
4.94
20
19
1900
0.25
5
2
MMBZ5231B
4.84
5.1
5.36
20
17
1600
0.25
5
2
MMBZ5232B
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMBZ5233B
5.70
6
6.30
20
7
1600
0.25
5
3.5
MMBZ5234B
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMBZ5235B
6.46
6.8
7.14
20
5
750
0.25
3
5
MMBZ5236B
7.12
7.5
7.88
20
6
500
0.25
3
6
MMBZ5237B
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMBZ5238B
8.26
8.7
9.14
20
8
600
0.25
3
6.5
MMBZ5239B
8.64
9.1
9.56
20
10
600
0.25
3
7
MMBZ5240B
9.50
10
10.50
20
17
600
0.25
3
8
MMBZ5241B
10.40
11
11.55
20
22
600
0.25
2
8.4
MMBZ5242B
11.40
12
12.60
20
30
600
0.25
1
9.1
MMBZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMBZ5244B
13.30
14
14.70
9
15
600
0.25
0.1
10
MMBZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMBZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMBZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMBZ5248B
17.10
18
18.90
7
21
600
0.25
0.1
14
MMBZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MMBZ5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMBZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMBZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com