Electronic Components Datasheet Search
  English  ▼

X  

PF1010DF8 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PF1010DF8
Description  Silicon Planar Type Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PF1010DF8 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PF1010DF8 Datasheet HTML 1Page - KEC(Korea Electronics) PF1010DF8 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2006. 8. 8
1/2
SEMICONDUCTOR
TECHNICAL DATA
PF1010DF8
Silicon Planar Type Diode
Revision No : 2
For EMI Filtering and ESD Protection.
FEATURES
EMI/RFI filtering.
ESD Protection to IEC 61000-4-2 Level 4.
Low insertion loss.
Good attenuation of high frequency signals.
Low clamping voltage.
Low operating and leakage current.
Four elements in one package
APPLICATIONS
Cell phone handsets.
RF communications equipment.
MAXIMUM RATING (Ta=25 )
1
4
5
8
0.5
Top View
Bottom View
Side View
DFN-8
MILLIMETERS
C
C
E
E
F
F
I
I
G
G
H
H
H
D
D
A
B
A
B
DIM
0.2 0.02
+_
0.23
0.05
+_
0.75 0.05
+_
0.35 0.05
+_
2.0 0.05
+_
2.0 0.05
+_
0.6 0.05
+_
1.2 0.05
+_
GND PAD
1,8 : Filter channel 1
2,7 : Filter channel 2
3,6 : Filter channel 3
4,5 : Filter channel 4
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD
300
mW
Operating Temperature
Tj
-55 150
Storage Temperature
Tstg
-55 150
GND
10pF
100Ω
10pF
FILTERn*
FILTERn*
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6
-
-
V
Reverse Leakage Current
IR
VRWM=3V
-
-
0.1
A
Cutoff Frequency
f3dB
VR=0V, ZSOURCE=50 , ZLOAD=50
-
150
-
MHz
Attenuation Frequency
f25dB
VR=0V, ZSOURCE=50 , ZLOAD=50
800
-
3,000
MHz
Resistance
R
Between Input and Output
-
100
-
Capacitance
C
VR=2.5V, Between I/O Pins and GND
-
20
-
pF
EQUIVALENT CIRCUIT


Similar Part No. - PF1010DF8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF1010A HITACHI-PF1010A Datasheet
47Kb / 13P
MOS FET Power Amplifier Module for P/C LAN
logo
KEC(Korea Electronics)
PF1010UDF12 KEC-PF1010UDF12 Datasheet
49Kb / 2P
ESD/EMI Filter
PF1010UDF12B KEC-PF1010UDF12B Datasheet
38Kb / 2P
ESD/EMI Filter
PF1010UDF16 KEC-PF1010UDF16 Datasheet
39Kb / 2P
ESD/EMI Filter
PF1010UDF16B KEC-PF1010UDF16B Datasheet
38Kb / 2P
ESD/EMI Filter
More results

Similar Description - PF1010DF8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
Diode Silicon Epitaxial Planar Type
07-May-1997
1N4606 TOSHIBA-1N4606 Datasheet
37Kb / 1P
SILICON EPITAXIAL PLANAR TYPE DIODE
1SS104 TOSHIBA-1SS104 Datasheet
68Kb / 2P
SILICON PLANAR TYPE DIODE
1N4608 TOSHIBA-1N4608 Datasheet
37Kb / 1P
SILICON EPITAXIAL PLANAR TYPE DIODE
1S2095A TOSHIBA-1S2095A Datasheet
69Kb / 2P
SILICON EPITAXIAL PLANAR TYPE DIODE
logo
KEC(Korea Electronics)
PF2007DF8 KEC-PF2007DF8 Datasheet
394Kb / 2P
Silicon Planar Type Diode
logo
Toshiba Semiconductor
JDV2S02E TOSHIBA-JDV2S02E Datasheet
85Kb / 3P
Diode Silicon Epitaxial Planar Type
JDV2S01E TOSHIBA-JDV2S01E Datasheet
85Kb / 3P
Diode Silicon Epitaxial Planar Type
HN1D03F TOSHIBA-HN1D03F Datasheet
171Kb / 4P
Diode Silicon Epitaxial Planar Type
logo
KEC(Korea Electronics)
KTX711T KEC-KTX711T Datasheet
385Kb / 4P
SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com