Electronic Components Datasheet Search
  English  ▼

X  

PF2015UDF12 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # PF2015UDF12
Description  ESD/EMI Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PF2015UDF12 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  PF2015UDF12 Datasheet HTML 1Page - KEC(Korea Electronics) PF2015UDF12 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 6. 4
2/2
PF2015UDF12
Revision No : 3
DIODE VOLTAGE (V)
0.5
1.5
2.0
0.0
012345
1.0
DIODE CAPACITANCE vs. INPUT VOLTAGE
ANALOG CROSSTALK
-150
-120
1
10
100
1000
6000
FREQUENCY (MHz)
-90
-60
-30
0
180
184
188
192
196
200
204
208
212
216
220
-40
-20
0
20406080
RLine - TEMPERATURE
AMBIENT TEMPERATURE Ta (
)
C
S21 - FREQUENCY
FREQUENCY (MHz)
-20
0
-40
110
100
1000
6000
-30
-10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com