Electronic Components Datasheet Search
  English  ▼

X  

EN11 Datasheet(PDF) 2 Page - Bi technologies

Part # EN11
Description  11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN11 Datasheet(HTML) 2 Page - Bi technologies

  EN11 Datasheet HTML 1Page - Bi technologies EN11 Datasheet HTML 2Page - Bi technologies EN11 Datasheet HTML 3Page - Bi technologies EN11 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model EN11
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 16, 2011
page 2 of 4
BI technologies
ENVIRONMENTAL
Operating Temperature Range
-30
°C to +85°C
Rotational Life
30,000 cycles
ORDERING INFORMATION2
Shaft Types
For 20 PPR (B leads A)
For 15 PPR (A leads B)
2
Contact our customer service for custom designs and features.
CIRCUIT DIAGRAM
EN11 - VSM 1 A F 20
Model Series
Shaft Length “L” see below
Style
Bushing Length (M)
A = 5mm
B = 7mm
Shaft Type
Detents :
0 = No Detent / 20 PPR
1 = 20 Detents / 20 PPR
2 = No Detent / 15 PPR
3 = 30 Detents / 15PPR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com