Electronic Components Datasheet Search
  English  ▼

X  

EVM142AHF Datasheet(PDF) 18 Page - Semtech Corporation

Part # EVM142AHF
Description  Per Pin timing Deskew w 4x2 Cross Point Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM142AHF Datasheet(HTML) 18 Page - Semtech Corporation

Back Button EVM142AHF Datasheet HTML 11Page - Semtech Corporation EVM142AHF Datasheet HTML 12Page - Semtech Corporation EVM142AHF Datasheet HTML 13Page - Semtech Corporation EVM142AHF Datasheet HTML 14Page - Semtech Corporation EVM142AHF Datasheet HTML 15Page - Semtech Corporation EVM142AHF Datasheet HTML 16Page - Semtech Corporation EVM142AHF Datasheet HTML 17Page - Semtech Corporation EVM142AHF Datasheet HTML 18Page - Semtech Corporation EVM142AHF Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge142
AC Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Propagation Delays
Minimum Delay (Pulse Width >= 1.0 ns)
VDELAY = +0.1V, VFALL = +0.1V
TPDmin
1.75
2.05
2.45
ns
Delay Range vs. Pulse Width
Input Pulse Width >= 1.0 ns
(+0.1V < VDELAY < -1.2V)
Tspan
1.1
1.4
ns
VFALL Range of Adjustment
Input Pulse Width >= 1.0 ns
(+0.1V < VFALL < -1.2V)
Tfall
170
300
ps
Propagation Delay Tempco (Note 1)
-1.1V <= VDELAY, VFALL <= +0.1V
<2
ps / oC
Output Rise/Fall Times (20% to 80%) (Note 1)
Tr, Tf
300
420
500
ps
Test conditions (unless otherwise specified): “Recommended Operating Conditions” with TA = 25
°C with 400
LFPM of airflow, and all outputs terminated with 50
Ω to –2.0 V. Timing reference points at the differential
crossing points for input and output signals, REXT1 = 2.94 K
Ω, and REXT2 = 2.94 KΩ. All input signals are
fully differential. Values are based on nominal temperature and a supply voltage of –5.2 V.
Note 1: Based upon characterization data. Not production tested. For more complete data, refer to the
application information section of the data sheet.
The specified limits shown can be met only after thermal equilibrium has been established. Thermal equilibrium
is established by applying power for at least 2 minutes while maintaining a transverse air flow of 400 linear
feet per minute over the device mounted either in the test socket or on the printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com