Electronic Components Datasheet Search
  English  ▼

X  

EDGE710 Datasheet(PDF) 13 Page - Semtech Corporation

Part # EDGE710
Description  500 MHz Pin Electronics Driver, Window Comparator, and Load
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EDGE710 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button EDGE710 Datasheet HTML 9Page - Semtech Corporation EDGE710 Datasheet HTML 10Page - Semtech Corporation EDGE710 Datasheet HTML 11Page - Semtech Corporation EDGE710 Datasheet HTML 12Page - Semtech Corporation EDGE710 Datasheet HTML 13Page - Semtech Corporation EDGE710 Datasheet HTML 14Page - Semtech Corporation EDGE710 Datasheet HTML 15Page - Semtech Corporation EDGE710 Datasheet HTML 16Page - Semtech Corporation EDGE710 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge710
DC Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
i
u
c
r
i
C
D
A
O
L
e
g
a
t
l
o
V
g
n
i
t
a
t
u
m
m
o
C
e
g
n
a
R
e
l
b
a
m
m
a
r
g
o
r
P
e
g
a
t
l
o
V
t
e
s
f
f
O
n
I
t
n
e
r
r
u
C
A
_
N
I
_
M
C
V
e
g
n
a
R
e
g
a
t
l
o
V
f
f
i
D
N
I
_
M
C
V
N
I
_
M
C
V
-
A
_
T
U
O
_
M
C
V
n
i
I
A
_
T
U
O
_
M
C
V
-
D
A
O
L
5
.
3
+
E
E
V
0
0
1
-
0
0
1
-
0
1
-
5
5
.
3
-
C
C
V
0
0
1
+
0
0
1
+
0
1
+
V
V
m
A
µ
V
t
u
p
t
u
O
d
a
o
L
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
t
u
O
e
g
n
a
R
t
n
e
r
r
u
C
t
u
p
t
u
O
D
A
O
L
-
V
D
A
O
L
-
I
5
.
3
+
E
E
V
5
3
-
5
.
3
-
C
C
V
5
3
+
V
A
m
e
l
b
a
n
E
d
a
o
L
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
w
S
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
t
n
e
r
r
u
C
t
u
p
n
I
*
N
E
_
D
L
,
N
E
_
D
L
*
N
E
_
D
L
-
N
E
_
D
L
n
i
I
0
.
2
-
5
2
.
0
±
0
0
1
-
0
.
5
+
0
.
4
±
0
0
1
+
V
V
A
µ
t
n
e
r
r
u
C
e
c
r
u
o
S
t
n
e
r
r
u
C
t
u
p
n
I
e
g
a
t
l
o
V
N
I
_
C
S
I
n
i
a
G
t
n
e
r
r
u
C
N
I
_
C
S
I
N
I
_
C
S
I
_
V
N
I
_
C
S
I
/
E
C
R
U
O
S
_
I
0
0
0
1
-
2
.
8
1
0
0
2
0
.
2
0
0
1
+
8
.
1
2
A
m
V
m
t
n
e
r
r
u
C
k
n
i
S
t
n
e
r
r
u
C
t
u
p
n
I
e
g
a
t
l
o
V
N
I
_
K
S
I
n
i
a
G
t
n
e
r
r
u
C
N
I
_
K
S
I
N
I
_
K
S
I
_
V
N
I
_
K
S
I
/
K
N
I
S
_
I
0
0
0
1
-
2
.
8
1
0
0
2
0
.
2
0
0
1
+
8
.
1
2
A
m
V
m
y
t
i
r
a
e
n
i
L
d
a
o
L
A
m
5
<
t
u
p
t
u
O
=
<
A
m
0
A
m
5
3
<
t
u
p
t
u
O
=
<
A
m
5
d
e
m
m
a
r
g
o
r
P
-
l
a
u
t
c
A
d
e
m
m
a
r
g
o
r
P
-
l
a
u
t
c
A
%
1
-
A
µ
1
-
0
5
-
%
1
+
A
µ
1
+
0
5
+
A
µ
A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
Z
i
Hs
a
i
b
I0
0
1
-0
0
0
1
+A
n
e
c
n
a
i
l
p
m
o
C
Z
i
H5
.
+
E
E
VC
C
VV
e
c
n
a
t
s
i
s
e
R
e
g
d
i
r
B
k
n
i
S
/
e
c
r
u
o
S
)
A
µ
0
0
5
=
I
@
d
e
r
u
s
a
e
m
(
5
.0
.
10
.
2
K
Ω
r
o
r
r
E
k
n
i
S
/
e
c
r
u
o
S
)
1
+
%
1
(
-
)
1
+
%
1
(
-
0
5
-
0
5
-
0
5
-
0
5
-
0
5
-
0
5
-
0
5
-
1
+
%
1
1
+
%
1
0
5
+
0
5
+
0
5
+
0
5
+
0
5
+
0
5
+
0
5
+
A
µ
A
µ
A
µ
A
µ
A
µ
A
µ
A
µ
A
µ
A
µ
s
t
n
i
o
P
l
a
Ct
n
i
o
P
t
s
e
T
A
µ
0
3
/
A
µ
0
2
A
µ
0
3
1
/
A
µ
0
3
A
µ
0
0
5
/
A
µ
0
3
1
A
µ
0
5
7
/
A
µ
0
0
5
A
m
1
/
A
µ
0
5
7
A
m
2
.
1
/
A
m
1
A
m
4
.
1
/
A
m
2
.
1
A
m
6
.
1
/
A
m
4
.
1
A
m
8
.
1
/
A
m
6
.
1
A
µ
5
2
A
µ
0
8
A
µ
5
1
3
A
µ
5
2
6
A
µ
5
7
8
A
m
1
.
1
A
m
3
.
1
A
m
5
.
1
A
m
7
.
1
DC test conditions (unless otherwise specified): "Recommended Operating Conditions".
RADJ = FADJ = 1.1 mA. BIAS = .6 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com