Electronic Components Datasheet Search
  English  ▼

X  

LPV-20 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPV-20
Description  20W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPV-20 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPV-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPV-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
LPV-20-5
LPV-20-12
LPV-20-15
LPV-20-24
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
5V
12V
15V
24V
3A
1.67A
1.33A
0.84A
0~3A
0~1.67A
0~1.33A
0~0.84A
15W
20W
20W
20.2W
80mVp-p
120mVp-p
120mVp-p
150mVp-p
5.0%
1.0%
2.0%
500ms,20ms/230VAC5
atfullload
00ms,20ms/115VAC
90~264VAC
127~370VDC
47~63Hz
77%
81%
83%
83%
5.75~6.75V
13.8~16V
17.5~21V
28~32V
0.55A/115VAC0.35A/230VAC
COLDSTART 35A/115VAC70A/230VAC
0.25mA /240VAC
110~150%ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
-30~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
UL879,UL1310Class2,CAN/CSA C22.2No.223-M91,IP67approved;designreferto TUVEN60950-1,EN61347-2-13
786.5Khrsmin.MIL-HDBK-217F(25
)
118*35*26mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30 minute.
0.22Kg;60pcs/14.2Kg/0.62CUFT
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
20WSingleOutputSwitchingPowerSupply
Constant voltage design
Universal AC input / Full range
Withstand 300VAC surge input for 5 seconds
Protections: Short circuit / Over current / Over voltage
Cooling by free air convection
Fully encapsulated with IP67 level
ass LPS
Suitable for LED lighting and moving sign applications
100% full load burn-in test
Low cost, high reliability
2 years warranty
Small and compact size
(Note.7)
Fully isolated plastic case
Class
power unit, no FG
P
Features :
L P V- 2 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
50ms/230VAC16ms/115VACatfullload
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
FileName:LPV-20-SPEC2011-06-24
IP67
LPS
EMCIMMUNITY
EMCEMISSION


Similar Part No. - LPV-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
20W Single Output Switching Power Supply
LPV-20-12 MEANWELL-LPV-20-12 Datasheet
144Kb / 2P
20W Single Output Switching Power Supply
LPV-20-12 MEANWELL-LPV-20-12 Datasheet
771Kb / 2P
20W Single Output Swithching Power supply
LPV-20-15 MEANWELL-LPV-20-15 Datasheet
144Kb / 2P
20W Single Output Switching Power Supply
LPV-20-15 MEANWELL-LPV-20-15 Datasheet
771Kb / 2P
20W Single Output Swithching Power supply
More results

Similar Description - LPV-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-20 MEANWELL-LPC-20 Datasheet
86Kb / 2P
20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
20W Single Output Switching Power Supply
NFM-20 MEANWELL-NFM-20 Datasheet
253Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
20W Output Switching Power Supply
LPC-20 MEANWELL-LPC-20_11 Datasheet
91Kb / 2P
20W Single Output Switching Power Supply
PM-20 MEANWELL-PM-20_10 Datasheet
372Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_12 Datasheet
387Kb / 2P
20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_12 Datasheet
269Kb / 2P
20W Output Switching Power Supply
LPC-20 MEANWELL-LPC-20_12 Datasheet
91Kb / 2P
20W Single Output Switching Power Supply
IRM-20 MEANWELL-IRM-20 Datasheet
163Kb / 2P
20W Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com