Electronic Components Datasheet Search
  English  ▼

X  

MP450 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # MP450
Description  450W/650W/1000W Modular Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MP450 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  MP450 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MP450 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MP450 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MP450 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MP450 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MP450 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Unit:mm
FileName:MP-450,650,1K0-SPEC2010-10-18
MechanicalSpecification
MP450
MP650
450W/650W/1000WModularPower
M P series
10
8.2
TB1
3
2
1
Airflow
direction
CN4
3
1
2
4-M4
8-M4(BothSides)
19
16max.
16max.
147.5
254
12max.
12max.
19
147.5
19
19
278
171.5
10
8.2
8-M4(BothSides)
Airflow
direction
171.5
3
2
2
1
3
CN4
1
TB1
4-M4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com