Electronic Components Datasheet Search
  English  ▼

X  

MP-650 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # MP-650
Description  450W/650W/1000W Modular Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MP-650 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  MP-650 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MP-650 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MP-650 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MP-650 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MP-650 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MP-650 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FileName:MP-450,650,1K0-SPEC2010-10-18
MechanicalSpecification
450W/650W/1000WModularPower
M P series
direction
Airflow
TB1
3
2
1
2
3
1
CN4
8-M4(BothSides)
19
171.5
278
8.2
10
4-M4
19
171.5
MP1K0
CN4(PFC-450/650/1K0):JST B3B-XHorequivalent
PinNo.
1
3
2
Assignment
-RC:-RemoteON/OFF
VCC:12V/0.1A auxiliaryoutput
+RC:+RemoteON/OFF
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
PinNo.
1
3
2
Assignment
AC/L
FG
AC/N
TB1(PFC-450/650/1K0)
MechanismofOutputModules
MS-150
4
1
SVR2
CN20
21max.
138
-V
+V
SVR1
+V
-V
MS-75
21max.
16max.
16max.
CN51
1
4
138
3
4
2
JST XHP
orequivalent
JST SXH-001T-P0.6
orequivalent
+S:+Remotesensing
-S:-Remotesensing
+RC:+RemoteON/OFF
-RC:-RemoteON/OFF
OutputConnector(
JST B4B-XHorequivalent
CN51):
PinNo.
1
Assignment
MatingHousing
OutputConnector(
JST B4B-XHorequivalent
CN20):
PinNo.
1
3
4
2
Assignment
MatingHousing
JST XHP
orequivalent
JST SXH-001T-P0.6
orequivalent
+S:+Remotesensing
-S:-Remotesensing
+RC:+RemoteON/OFF
-RC:-RemoteON/OFF
Terminal
Terminal
12max.
Unit:mm
3max.
3max.
16max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com