Electronic Components Datasheet Search
  English  ▼

X  

MPD-65 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MPD-65
Description  65W Dual Output Medical Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MPD-65 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MPD-65 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MPD-65 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:MPD-65-SPEC2011-03-31
Unit:mm
fosc:45KHz
DCOutputConnector(CN2):Molex5273-06orequivalent
ACInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
BlockDiagram
MechanicalSpecification
StaticCharacteristics
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
90
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUTVOLTAGE(V)60Hz
O.V.P.
CONTROL
COM
+5V
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+V
FG
I/P
FILTER
EMI
SVR1
115.8
127
ACFUSE
T2A/250V
ACFUSE
T2A/250V
FS2
2
CN1
1
FS1
FG
4
6
4-
3.8
5
2
3
CN2
1
5.6
M1
M2
PinNo.
1
2,3
4,5
6
Assignment
+V
+5V
COM
NC
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
DeratingCurve
HS1,HS2 can not be shorted
HS1
HS2
AC/N
AC/L
65WDualOutputMedical Type
M P D - 6 5 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com