Electronic Components Datasheet Search
  English  ▼

X  

LPC1788 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC1788
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1788 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC1788 Datasheet HTML 32Page - NXP Semiconductors LPC1788 Datasheet HTML 33Page - NXP Semiconductors LPC1788 Datasheet HTML 34Page - NXP Semiconductors LPC1788 Datasheet HTML 35Page - NXP Semiconductors LPC1788 Datasheet HTML 36Page - NXP Semiconductors LPC1788 Datasheet HTML 37Page - NXP Semiconductors LPC1788 Datasheet HTML 38Page - NXP Semiconductors LPC1788 Datasheet HTML 39Page - NXP Semiconductors LPC1788 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
36 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
[2]
I = Input; O = Output; G = Ground; S = Supply.
[3]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[4]
<tbd>
[5]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and analog input. When configured as a ADC input, digital
section of the pad is disabled.
[6]
<tbd>
[7]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled.
[8]
Open-drain 5 V tolerant digital I/O pad, compatible with I2C-bus 400 kHz specification. It requires an external pull-up to provide output
functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines. Open-drain
configuration applies to all functions on this pin.
[9]
Not 5 V tolerant. Pad provides digital I/O and USB functions. It is designed in accordance with the USB specification, revision 2.0
(Full-speed and Low-speed mode only).
[10] 5 V tolerant pad with 5 ns glitch filter providing digital I/O functions with TTL levels and hysteresis.
[11] <tbd>
[12] 5 V tolerant pad with 20 ns glitch filter providing digital I/O function with TTL levels and hysteresis.
[13] <tbd>
[14] Pad provides special analog functionality.
[15] If the RTC is not used, these pins can be left floating.
[16] When the main oscillator is not used, connect XTAL1 and XTAL2 as follows: XTAL1 can be left floating or can be grounded (grounding
is preferred to reduce susceptibility to noise). XTAL2 should be left floating.
Table 4.
Pin allocation table TFBGA208
Not all functions are available on all parts. See Table 2 and Table 7 (EMC pins).
Ball
Symbol
Ball Symbol
Ball
Symbol
Ball
Symbol
Row A
1
P3[27]
2
VSS
3
P1[0]
4
P4[31]
5
P1[4]
6
P1[9]
7
P1[14]
8
P1[15]
9
P1[17]
10
P1[3]
11
P4[15]
12
VSS
13
P3[20]
14
P1[11]
15
P0[8]
16
P1[12]
17
P1[5]
-
-
-
Row B
1
P3[2]
2
P3[10]
3
P3[1]
4
P3[0]
5
P1[1]
6
VSS
7
P4[30]
8
P4[24]
9
P4[25]
10
P4[29]
11
P1[6]
12
P0[4]
13
VDD(3V3)
14
P3[19]
15
P4[14]
16
P4[13]
17
P2[0]
-
-
-
Row C
1
P3[13]
2
JTAG_TDI
3
P5[4]
4
P0[2]
5
P3[9]
6
P3[22]
7
P1[8]
8
P1[10]
9VDD(3V3)
10
P3[21]
11
P4[28]
12
P0[5]
13
P0[7]
14
P0[9]
15
P3[18]
16
P4[12]
17
VDD(3V3)-
-
-
Row D
1
JTAG_TRST
2
P3[28]
3
JTAG_TDO (SWO)
4
P3[12]
5P3[11]
6
P0[3]
7
VDD(3V3)
8
P3[8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com