Electronic Components Datasheet Search
  English  ▼

X  

PCA9506 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9506
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9506 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9506 Datasheet HTML 1Page - NXP Semiconductors PCA9506 Datasheet HTML 2Page - NXP Semiconductors PCA9506 Datasheet HTML 3Page - NXP Semiconductors PCA9506 Datasheet HTML 4Page - NXP Semiconductors PCA9506 Datasheet HTML 5Page - NXP Semiconductors PCA9506 Datasheet HTML 6Page - NXP Semiconductors PCA9506 Datasheet HTML 7Page - NXP Semiconductors PCA9506 Datasheet HTML 8Page - NXP Semiconductors PCA9506 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PCA9505_9506
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2010
2 of 34
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
Inputs:
Programmable Interrupt Mask Control for input pins that do not require an interrupt
when their states change
Polarity Inversion register allows inversion of the polarity of the I/O pins when read
Active LOW reset (RESET) input pin resets device to power-up default state
3 programmable address pins allowing 8 devices on the same bus
Designed for live insertion
Minimize line disturbance (IOFF and power-up 3-state)
Signal transient rejection (50 ns noise filter and robust I2C-bus state machine)
Low standby current
−40 °Cto+85 °C operation
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78, which exceeds 100 mA
Offered in TSSOP56 (PCA9505, PCA9506) and HVQFN56 (PCA9506) packages
3.
Applications
Servers
RAID systems
Industrial control
Medical equipment
PLCs
Cell phones
Gaming machines
Instrumentation and test measurement
4.
Ordering information
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCA9505DGG
PCA9505DGG
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
PCA9506DGG
PCA9506DGG
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
PCA9506BS
PCA9506BS
HVQFN56
plastic thermal enhanced very thin quad flat package;
no leads; 56 terminals; body 8
× 8 × 0.85 mm
SOT684-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com