Electronic Components Datasheet Search
  English  ▼

X  

PCA9601D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9601D
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9601D Datasheet HTML 4Page - NXP Semiconductors PCA9601D Datasheet HTML 5Page - NXP Semiconductors PCA9601D Datasheet HTML 6Page - NXP Semiconductors PCA9601D Datasheet HTML 7Page - NXP Semiconductors PCA9601D Datasheet HTML 8Page - NXP Semiconductors PCA9601D Datasheet HTML 9Page - NXP Semiconductors PCA9601D Datasheet HTML 10Page - NXP Semiconductors PCA9601D Datasheet HTML 11Page - NXP Semiconductors PCA9601D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
8 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
9.
Characteristics
Table 6.
Characteristics
Tamb = −40 °C to +85 °C unless otherwise specified; voltages are specified with respect to GND with VCC = 2.5 V to 15 V
unless otherwise specified. Typical values are measured at VCC = 5 V and Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VCC
supply voltage
operating
2.5
-
15
V
ICC
supply current
VCC = 5 V; buses HIGH
-
5.2
6.75
mA
VCC = 15 V; buses HIGH
-
5.5
7.3
mA
ΔI
CC
additional supply current
per TX/TY output driven LOW;
VCC =5.5 V
-1.4
3.0
mA
Bus pull-up (load) voltages and currents
Pins SX and SY; I2C-bus
VI
input voltage
open-collector; RX and RY HIGH
-
-
15
V
VO
output voltage
open-collector; RX and RY HIGH
-
-
15
V
IO
output current
static; VSX = VSY = 0.4 V
[1] 0.3
-
15
mA
IO(sink)
output sink current
VSX = VSY = 1 V; RX and RY LOW;
Tamb =0 °Cto85 °C
15
-
-
mA
IL
leakage current
VSX = VSY = 15 V; RX and RY HIGH
-
-
10
μA
Pins TX and TY
VO
output voltage
open-collector
-
-
15
V
Iload
load current
maximum recommended on
buffered bus; VTX =VTY =0.4 V;
SX and SY LOW on I2C-bus = 0.4 V
--
30
mA
IO
output current
from buffered bus; VTX =VTY =1V;
SX and SY LOW on I2C-bus = 0.4 V
60
130
-
mA
IL
leakage current
on buffered bus;
VTX =VTY =VCC = 15 V; SX and
SY HIGH
--
10
μA
Input currents
II
input current
from I2C-bus on SX and SY
RX and RY HIGH or LOW;
SX and SY LOW
≤ 1V
[1] -
−0.3
−1mA
RX and RY HIGH; SX and
SY HIGH > 1.4 V
[1] --
10
μA
from buffered bus on RX and RY;
SX and SY HIGH or LOW;
VRX =VRY =0.4 V
[2] -
−1.5
−10
μA
IL
leakage current
on buffered bus input on RX and
RY; VRX = VRY =15V
--
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com