Electronic Components Datasheet Search
  English  ▼

X  

PCF8583 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8583
Description  Clock and calendar with 240 x 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8583 Datasheet HTML 6Page - NXP Semiconductors PCF8583 Datasheet HTML 7Page - NXP Semiconductors PCF8583 Datasheet HTML 8Page - NXP Semiconductors PCF8583 Datasheet HTML 9Page - NXP Semiconductors PCF8583 Datasheet HTML 10Page - NXP Semiconductors PCF8583 Datasheet HTML 11Page - NXP Semiconductors PCF8583 Datasheet HTML 12Page - NXP Semiconductors PCF8583 Datasheet HTML 13Page - NXP Semiconductors PCF8583 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
10 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
7.6 Alarm registers
All alarm registers are allocated with a constant address offset of 08h to the
corresponding counter registers (see Figure 9).
An alarm signal is generated when the contents of the alarm registers match bit-by-bit the
contents of the involved counter registers. The year and weekday bits are ignored in a
dated alarm. A daily alarm ignores the month and date bits. When a weekday alarm is
selected, the contents of the alarm weekday and month register selects the weekdays on
which an alarm is activated (see Figure 11).
Remark: In the 12 hour mode, bits 6 and 7 of the alarm hours register must be the same
as the hours counter.
Fig 10. Alarm control registers, clock mode
memory location 08h
reset state: 0000 0000
timer function:
timer interrupt enable:
clock alarm function:
timer alarm enable:
alarm interrupt enable:
7
654
321
0
MSB
LSB
013aaa374
000
001
010
011
100
101
110
111
no timer
hundredths of a second
seconds
minutes
hours
days
not used
test mode, all counters
in parallel (factory use only)
0
1
timer flag, no interrupt
timer flag, interrupt
00
01
10
11
no clock alarm
daily alarm
weekday alarm
dated alarm
0
1
no timer alarm
timer alarm
(only valid when alarm enable in
the control and status register is set)
0
1
alarm flag, no interrupt
alarm flag, interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com