Electronic Components Datasheet Search
  English  ▼

X  

SE98A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SE98A
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SE98A Datasheet HTML 29Page - NXP Semiconductors SE98A Datasheet HTML 30Page - NXP Semiconductors SE98A Datasheet HTML 31Page - NXP Semiconductors SE98A Datasheet HTML 32Page - NXP Semiconductors SE98A Datasheet HTML 33Page - NXP Semiconductors SE98A Datasheet HTML 34Page - NXP Semiconductors SE98A Datasheet HTML 35Page - NXP Semiconductors SE98A Datasheet HTML 36Page - NXP Semiconductors SE98A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
33 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
[1]
Minimum clock frequency is 0 kHz if SMBus Time-out is disabled.
[2]
Delay from SDA STOP to SDA START.
[3]
A device must internally provide a hold time of at least 200 ns for SDA signal (referenced to the VIH(min) of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
[4]
Delay from SCL HIGH-to-LOW transition to SDA edges.
[5]
Delay from SCL LOW-to-HIGH transition to restart SDA.
[6]
Delay from SDA START to first SCL HIGH-to-LOW transition.
Table 27.
SMBus AC characteristics
VDD = 1.7 V to 3.6 V; Tamb = −40 °C to +125 °C; unless otherwise specified. These specifications are guaranteed by design.
The AC specifications fully meet or exceed SMBus 2.0 specifications, but allow the bus to interface with the I2C-bus from DC
to 400 kHz.
Symbol
Parameter
Conditions
Standard mode
Fast mode
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
10[1]
100
10[1]
400
kHz
tHIGH
HIGH period of the SCL clock 70 % to 70 %
4000
-
600
-
ns
tLOW
LOW period of the SCL clock
30 % to 30 %
4700
-
1300
-
ns
tto(SMBus)
SMBus time-out time
LOW period to reset
SMBus
25
35
25
35
ms
tr
rise time of both SDA and
SCL signals
-1000
20
300
ns
tf
fall time of both SDA and SCL
signals
-
300
-
300
ns
tSU;DAT
data set-up time
250
-
100
-
ns
th(i)(D)
data input hold time
[2][3]
0-0-
ns
tHD;DAT
data hold time
[4]
200
3450
200
900
ns
tSU;STA
set-up time for a repeated
START condition
[5]
4700
-
600
-
ns
tHD;STA
hold time (repeated) START
condition
30 % of SDA to
70 % of SCL
[6]
4000
-
600
-
ns
tSU;STO
set-up time for STOP
condition
4000
-
600
-
ns
tBUF
bus free time between a
STOP and START condition
[2]
4700
-
1300
-
ns
tSP
pulse width of spikes that
must be suppressed by the
input filter
-50
-
50
ns
tVD;DAT
data valid time
from clock
200
-
200
-
ns
tf(o)
output fall time
-
-
-
250
ns
tPOR
power-on reset pulse time
power supply falling
0.5
-
0.5
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com