Electronic Components Datasheet Search
  English  ▼

X  

EZ1086CT Datasheet(PDF) 3 Page - Semtech Corporation

Part # EZ1086CT
Description  1.5 AMP POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1086CT Datasheet(HTML) 3 Page - Semtech Corporation

  EZ1086CT Datasheet HTML 1Page - Semtech Corporation EZ1086CT Datasheet HTML 2Page - Semtech Corporation EZ1086CT Datasheet HTML 3Page - Semtech Corporation EZ1086CT Datasheet HTML 4Page - Semtech Corporation EZ1086CT Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1.5 AMP POSITIVE
VOLTAGE REGULATOR
EZ1086BC, EZ1086C
& EZ1086I
October 3, 2000
3
ELECTRICAL CHARACTERISTICS (Cont.)
Unless otherwise specified: Adj V
IN = 2.75V to 7.0V and Adj IO = 10mA to 1.5A; Fixed VIN = 4.75 to 7.0V and Fixed IO = 0 mA to 1.5A.
Values in bold apply over full operating ambient temperature range.
Parameter
Symbol
V
IN
I
O
Min
Typ
Max
Units
Adjust Pin Current
I
ADJ
55
90
µA
Adjust Pin Current Change
∆I
ADJ
0.2
5
µA
Temperature Stability
T
S
5V
0.5A
0.5
%
Minimum Load Current Adj. Voltage
Versions
I
O
5V
5
10
mA
RMS Output Noise
(3)
V
N
0.003
%V
O
Ripple Rejection Ratio
(4)
R
A
5V
1.5A
60
72
dB
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2)
∆V
OUT, ∆VREF = 1%
(3) Bandwidth of 10 Hz to 10 kHz.
(4) 120 Hz input ripple (C
ADJ for ADJ = 25µF).
(5) Over Temp. (O.T.) = over specified operating junction temperature range.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com