Electronic Components Datasheet Search
  English  ▼

X  

PCA9552D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9552D
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9552D Datasheet HTML 5Page - NXP Semiconductors PCA9552D Datasheet HTML 6Page - NXP Semiconductors PCA9552D Datasheet HTML 7Page - NXP Semiconductors PCA9552D Datasheet HTML 8Page - NXP Semiconductors PCA9552D Datasheet HTML 9Page - NXP Semiconductors PCA9552D Datasheet HTML 10Page - NXP Semiconductors PCA9552D Datasheet HTML 11Page - NXP Semiconductors PCA9552D Datasheet HTML 12Page - NXP Semiconductors PCA9552D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
9 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
6.4 Pins used as GPIOs
LED pins not used to control LEDs can be used as general purpose I/Os (GPIOs).
For use as input, set LEDn to high-impedance (01) and then read the pin state via the
input register.
For use as output, connect external pull-up resistor to the pin and size it according to the
DC recommended operating characteristics. LED output pin is HIGH when the output is
programmed as high-impedance, and LOW when the output is programmed LOW through
the ‘LED selector’ register. The output can be pulse-width controlled when PWM0 or
PWM1 are used.
6.5 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9552 in
a reset condition until VDD has reached VPOR. At that point, the reset condition is released
and the PCA9552 registers are initialized to their default states. Thereafter, VDD must be
lowered below 0.2 V to reset the device.
6.6 External RESET
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The
PCA9552 registers and I2C-bus state machine will be held in their default states until the
RESET input is once again HIGH.
This input requires a pull-up resistor to VDD if no active connection is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com