Electronic Components Datasheet Search
  English  ▼

X  

PCA9552PW Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA9552PW
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552PW Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9552PW Datasheet HTML 20Page - NXP Semiconductors PCA9552PW Datasheet HTML 21Page - NXP Semiconductors PCA9552PW Datasheet HTML 22Page - NXP Semiconductors PCA9552PW Datasheet HTML 23Page - NXP Semiconductors PCA9552PW Datasheet HTML 24Page - NXP Semiconductors PCA9552PW Datasheet HTML 25Page - NXP Semiconductors PCA9552PW Datasheet HTML 26Page - NXP Semiconductors PCA9552PW Datasheet HTML 27Page - NXP Semiconductors PCA9552PW Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
© Koninklijke Philips Electronics N.V. 2006
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 9 March 2006
Document number: PCA9552_5
Published in The Netherlands
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
23. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Functional description . . . . . . . . . . . . . . . . . . . 5
6.1
Device address . . . . . . . . . . . . . . . . . . . . . . . . . 5
6.2
Control Register . . . . . . . . . . . . . . . . . . . . . . . . 5
6.2.1
Control Register definition . . . . . . . . . . . . . . . . 6
6.3
Register descriptions . . . . . . . . . . . . . . . . . . . . 6
6.3.1
INPUT0 - Input register 0 . . . . . . . . . . . . . . . . . 6
6.3.2
INPUT1 - Input register 1 . . . . . . . . . . . . . . . . . 6
6.3.3
PCS0 - Frequency Prescaler 0 . . . . . . . . . . . . . 7
6.3.4
PWM0 - Pulse Width Modulation 0 . . . . . . . . . . 7
6.3.5
PCS1 - Frequency Prescaler 1 . . . . . . . . . . . . . 7
6.3.6
PWM1 - Pulse Width Modulation 1 . . . . . . . . . . 7
6.3.7
LS0 to LS3 - LED selector registers . . . . . . . . . 8
6.4
Pins used as GPIOs . . . . . . . . . . . . . . . . . . . . . 9
6.5
Power-on reset . . . . . . . . . . . . . . . . . . . . . . . . . 9
6.6
External RESET . . . . . . . . . . . . . . . . . . . . . . . . 9
7
Characteristics of the I2C-bus. . . . . . . . . . . . . 10
7.1
Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
7.1.1
START and STOP conditions . . . . . . . . . . . . . 10
7.2
System configuration . . . . . . . . . . . . . . . . . . . 10
7.3
Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . 11
7.4
Bus transactions . . . . . . . . . . . . . . . . . . . . . . . 12
8
Application design-in information . . . . . . . . . 13
8.1
Minimizing IDD when the I/O is used to control
LEDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8.2
Programming example . . . . . . . . . . . . . . . . . . 14
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 15
10
Static characteristics. . . . . . . . . . . . . . . . . . . . 15
11
Dynamic characteristics . . . . . . . . . . . . . . . . . 17
12
Test information . . . . . . . . . . . . . . . . . . . . . . . . 19
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 20
14
Handling information. . . . . . . . . . . . . . . . . . . . 23
15
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
15.1
Introduction to soldering surface mount
packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
15.2
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 23
15.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 23
15.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . 24
15.5
Package related soldering information . . . . . . 24
16
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 25
17
Revision history . . . . . . . . . . . . . . . . . . . . . . . 26
18
Data sheet status. . . . . . . . . . . . . . . . . . . . . . . 27
19
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
20
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
21
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
22
Contact information . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com