Electronic Components Datasheet Search
  English  ▼

X  

MPT-45 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MPT-45
Description  45W Triple Output Medical Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MPT-45 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MPT-45 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MPT-45 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:MPT-45-SPEC2011-03-31
Unit:mm
fosc:45KHz
DCOutputConnector(CN2):Molex5273-06orequivalent
ACInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
BlockDiagram
MechanicalSpecification
StaticCharacteristics
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
90
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUTVOLTAGE(V)60Hz
DeratingCurve
HS1
HS2
HS1,HS2 can not be shorted
5.6
M1
127
115.8
FS1
CN1
ACFUSE
T2A/250V
T2A/250V
2
FS2
1
ACFUSE
SVR1
4-
3.8
4
5
6
1
3
2
CN2
FG
M2
AC/N
AC/L
45W TripleOutputMedical Type
M P T- 4 5 series
O.V.P.
CONTROL
-V
COM
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
+5V
+V
FG
I/P
FILTER
EMI
PinNo.
1
2,3
4,5
6
Assignment
+V
+5V
COM
-V
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com