Electronic Components Datasheet Search
  English  ▼

X  

PCA9556 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9556
Description  Octal SMBus and I2C registered interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9556 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9556 Datasheet HTML 1Page - NXP Semiconductors PCA9556 Datasheet HTML 2Page - NXP Semiconductors PCA9556 Datasheet HTML 3Page - NXP Semiconductors PCA9556 Datasheet HTML 4Page - NXP Semiconductors PCA9556 Datasheet HTML 5Page - NXP Semiconductors PCA9556 Datasheet HTML 6Page - NXP Semiconductors PCA9556 Datasheet HTML 7Page - NXP Semiconductors PCA9556 Datasheet HTML 8Page - NXP Semiconductors PCA9556 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product data
PCA9556
Octal SMBus and I2C registered interface
2002 Mar 28
3
BLOCK DIAGRAM
POWER-ON
RESET
INPUT
FILTER
SMBus
CONTROL
INPUT/
OUTPUT
PORTS
WRITE pulse
READ pulse
A0
A1
A2
SCL
SDA
VDD
VSS
8-BIT
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
SW00793
RESET
NOTE: ALL I/Os ARE SET TO INPUTS AT RESET
Figure 2. Block diagram
SYSTEM DIAGRAM
SW00794
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
6
7
9
10
11
12
13
14
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Input Port
Polarity Inversion
Configuration
Output Port
RESET
SCL
SDA
A2
A1
A0
15
1
2
5
4
3
VCC= 16
GND = 8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
I2C/SMBus
Interface
logic
or
or
or
1.1 K
Ω
1.1 K
Ω
1.6 K
Ω
1.6 K
Ω
1.1 K
Ω
1.1 K
Ω
1.1 K
Ω
Figure 3. System diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com