Electronic Components Datasheet Search
  English  ▼

X  

PCA9564D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9564D
Description  Parallel bus to I2C-bus controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9564D Datasheet HTML 19Page - NXP Semiconductors PCA9564D Datasheet HTML 20Page - NXP Semiconductors PCA9564D Datasheet HTML 21Page - NXP Semiconductors PCA9564D Datasheet HTML 22Page - NXP Semiconductors PCA9564D Datasheet HTML 23Page - NXP Semiconductors PCA9564D Datasheet HTML 24Page - NXP Semiconductors PCA9564D Datasheet HTML 25Page - NXP Semiconductors PCA9564D Datasheet HTML 26Page - NXP Semiconductors PCA9564D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
23
SDA
SCL
SW02107
tRES
tRES
50%
30%
50%
50%
50%
tREC
tWRES
RESET
Dn
LED OFF
ACK OR READ CYCLE
START
Figure 19. Reset timing
A0–A1
CE
tAS
tCS
tCH
RD
tRW
tRWD
D0–D7
(READ)
tDD
tDF
FLOAT
FLOAT
VALID
NOT
VALID
WR
tRWD
VALID
D0–D7
(WRITE)
tDS
tDH
tAH
SD00711
Figure 20. Bus timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com