Electronic Components Datasheet Search
  English  ▼

X  

PCF8578T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8578T
Description  LCD row/column driver for dot matrix graphic displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8578T Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8578T Datasheet HTML 1Page - NXP Semiconductors PCF8578T Datasheet HTML 2Page - NXP Semiconductors PCF8578T Datasheet HTML 3Page - NXP Semiconductors PCF8578T Datasheet HTML 4Page - NXP Semiconductors PCF8578T Datasheet HTML 5Page - NXP Semiconductors PCF8578T Datasheet HTML 6Page - NXP Semiconductors PCF8578T Datasheet HTML 7Page - NXP Semiconductors PCF8578T Datasheet HTML 8Page - NXP Semiconductors PCF8578T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
2003 Apr 14
3
Philips Semiconductors
Product specification
LCD row/column driver for
dot matrix graphic displays
PCF8578
1
FEATURES
• Single chip LCD controller/driver
• Stand-alone or may be used with up to 32 PCF8579s
(40960 dots possible)
• 40 driver outputs, configurable as 32⁄8, 24⁄16, 16⁄24 or
8
⁄32 rows/columns
• Selectable multiplex rates; 1 : 8, 1 : 16, 1 : 24 or 1 : 32
• Externally selectable bias configuration, 5 or 6 levels
• 1280-bit RAM for display data storage and scratch pad
• Display memory bank switching
• Auto-incremented data loading across hardware
subaddress boundaries (with PCF8579)
• Provides display synchronization for PCF8579
• On-chip oscillator, requires only 1 external resistor
• Power-on reset blanks display
• Logic voltage supply range 2.5 to 6 V
• Maximum LCD supply voltage 9 V
• Low power consumption
• I2C-bus interface
• TTL/CMOS compatible
• Compatible with most microcontrollers
• Optimized pinning for single plane wiring in multiple
device applications (with PCF8579)
• Space saving 56-lead plastic mini-pack and 64 pin quad
flat pack
• Compatible with chip-on-glass technology.
2
APPLICATIONS
• Automotive information systems
• Telecommunication systems
• Point-of-sale terminals
• Computer terminals
• Instrumentation.
3
GENERAL DESCRIPTION
The PCF8578 is a low power CMOS LCD row/column
driver, designed to drive dot matrix graphic displays at
multiplex rates of 1 : 8, 1 : 16, 1 : 24 or 1 : 32. The device
has 40 outputs, of which 24 are programmable,
configurable as 32
⁄8, 24⁄16, 16⁄24 or 8⁄32 rows/columns.
The PCF8578 can function as a stand-alone LCD
controller/driver for use in small systems, or for larger
systems can be used in conjunction with up to
32 PCF8579s for which it has been optimized. Together
these two devices form a general purpose LCD dot matrix
driver chip set, capable of driving displays of up to
40960 dots. The PCF8578 is compatible with most
microcontrollers and communicates via a two-line
bidirectional bus (I2C-bus). Communication overheads are
minimized by a display RAM with auto-incremented
addressing and display bank switching.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8578T
VSO56
plastic very small outline package; 56 leads
SOT190-1
PCF8578U/2
−
chip with bumps in tray
−
PCF8578H
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com