Electronic Components Datasheet Search
  English  ▼

X  

USFB13 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # USFB13
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

USFB13 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  USFB13 Datasheet HTML 1Page - KEC(Korea Electronics) USFB13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 12. 1
1/2
SEMICONDUCTOR
TECHNICAL DATA
USFB13
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
Low Profile Surface Mount Package.
Low Power Loss, High Efficiency.
For Use in Low Voltage, High Frequency inverters, Free
Wheeling, and Polarity Protection Applications.
APPLICATION
Switching Power Supply.
Reversed Battery Connection Protection.
DC/DC Converter.
Cellular Phones.
MAXIMUM RATING (Ta=25
)
USF
A
21
1. ANODE
2. CATHODE
B
CC
DIM
MILLIMETERS
A
B
C
D
D
E
E
E
F
F
G
H
G
H
I
I
J
J
CATHODE MARK
0.91
0.05
+
_
0.61
0.05
+
_
2.5
0.1
+
_
1.9
0.1
+
_
1.3
0.1
+
_
0.46
0.1
+
_
1.2
0.1
+
_
0.11
0.05
+
_
0.6
0.1
+
_
0.8
0.1
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CATHODE MARK
Type Name
Marking
A3
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=1.0A
-
0.43
0.47
V
Repetitive Peak Reverse Current
IRRM (1)
VRRM=5V
-
15
40
A
IRRM (2)
VRRM=30V
-
40
200
A
Junction Capacitance
Cj
VR=10V, f=1.0MHz
-
30
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
V
Average Output Rectified Current
IO
1
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
5
A
Power Dissipation
PD *
667
mW
Junction Temperature
Tj
-40
125
Storage Temperature Range
Tstg
-40
125
* Mounted on a glass epoxy board (Soldering land : 6mm
6mm)


Similar Part No. - USFB13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13 KEC-USFB13 Datasheet
440Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
365Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
USFB13L KEC-USFB13L Datasheet
451Kb / 3P
SCHOTTKY BARRIER TYPE DIODE
USFB13L KEC-USFB13L Datasheet
451Kb / 3P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - USFB13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com