Electronic Components Datasheet Search
  English  ▼

X  

PD-25 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PD-25
Description  25W Dual Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-25 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PD-25 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-25 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+12V
+12V
+5V
+5V
FileName:PD-25-SPEC2011-03-31
Unit:mm
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
(VERTICAL)
MechanicalSpecification
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
DCOutputConnector(CN2):Molex41791-04orequivalent
PinNo.
1
2,3
4
Assignment
V1
COM
V2
MatingHousing
Molex2139
orequivalent
Terminal
Molex2478
orequivalent
ACInputConnector(CN1):Molex41791-03orequivalent
PinNo.
1
2
3
Assignment
AC/L
NoPin
AC/N
MatingHousing
Molex2139
Molex2478
orequivalent
orequivalent
Terminal
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
COM
I/P
FG
CONTROL
200
80
4.0
60
4.2
4.4
4.6
4.8
140
100
120
180
160
5.0
5.2
260
240
220
50
100
150
200
250
300
350
Ta=25
DeratingCurve
HS1,HS2,HS3 can not be shorted
MountingHoles
4-3.5Dia
ToChassisGrounding
6.35
94
107
CN1
FS1
ACFUSE
2.5A/250V
HS1
HS3
HS2
CN2
1
2
3
4
3
2
1
BlockDiagram
fosc:100KHz
StaticCharacteristics(A)
25WDualOutputSwitchingPowerSupply
P D - 2 5 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com