Electronic Components Datasheet Search
  English  ▼

X  

VC-806 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VC-806
Description  LVPECL, LVDS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-806 Datasheet(HTML) 7 Page - Vectron International, Inc

  VC-806 Datasheet HTML 1Page - Vectron International, Inc VC-806 Datasheet HTML 2Page - Vectron International, Inc VC-806 Datasheet HTML 3Page - Vectron International, Inc VC-806 Datasheet HTML 4Page - Vectron International, Inc VC-806 Datasheet HTML 5Page - Vectron International, Inc VC-806 Datasheet HTML 6Page - Vectron International, Inc VC-806 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Example: VC-806-ECE-KAAN-155M520000
VC-806- E C E - K A A N - xxxMxxxxxx
Product
XO
Voltage Options
E: +3.3 Vdc ±5%
H: +2.5 Vdc ±5%
Output
C: LVPECL
D: LVDS
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
W: -10/70°C
E: -40/85°C
Other (Future Use)
N: Standard
Stability
F: ±25ppm
K: ±50ppm
S: ±100ppm
Enable/Disable Pin
A: Pin 1
B: Pin 2
Package
3.2x5mm
Enable/Disable Logic
A: Enable High
Table 8. Standard Frequencies (MHz)
25.000
27.000
32.000
33.000
38.880
40.000
50.000
53.125
56.000
56.250
60.000
61.440
62.500
66.000
66.667
67.500
75.000
77.760
80.000
83.333
98.304
100.000
106.250
108.000
114.285
122.880
124.512
125.000
133.000
143.000
148.500
150.000
153.600
155.520
1562.50
156.253906
160.000
161.130
164.355
166.6286
166.6667
167.000
167.330
168.750
173.3707
180.000
186.667
187.500
190.000
200.000
212.500
218.750
250.000
312.500
Page7
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 06/17/2011
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
VI Shanghai
1589 Century Avenue, the 19th Floor
Chamtime International Financial Center
Shanghai, China
Tel: 86.21.6081.2888
Fax: 86.21.6163.3598
Ordering Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com