Electronic Components Datasheet Search
  English  ▼

X  

VM-802 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VM-802
Description  MEMS based HCSL, LVDS, LVPECL Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VM-802 Datasheet(HTML) 1 Page - Vectron International, Inc

  VM-802 Datasheet HTML 1Page - Vectron International, Inc VM-802 Datasheet HTML 2Page - Vectron International, Inc VM-802 Datasheet HTML 3Page - Vectron International, Inc VM-802 Datasheet HTML 4Page - Vectron International, Inc VM-802 Datasheet HTML 5Page - Vectron International, Inc VM-802 Datasheet HTML 6Page - Vectron International, Inc VM-802 Datasheet HTML 7Page - Vectron International, Inc VM-802 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
VM-802
MEMS based HCSL, LVDS, LVPECL Oscillator
Data Sheet
Vectron’s VM-802 Crystal Oscillator is a silicon based MEMS stabilized, differential output oscillator, operating off a 2.5 or 3.3 volt
supply in a hermetically sealed 5x3.2 plastic package.
High Shock MEMS based Oscillator
•
10.00-460.0000MHz Output Frequencies
•
Low Power
•
Differential Output
•
Enable/Disable
•
2.25V to 3.6V Operation
•
-20/70°C or -40/85°C Operation
•
Product is compliant to RoHS directive
•
and fully compatible with lead free assembly
Features
Applications
Description
VM-802
Block Diagram
PCI Express
•
Ethernet, GbE, Synchronous Ethernet
•
Fiber Channel
•
Enterprise Servers
•
Telecom
•
Clock source for A/D’s, D/A’s
•
Driving FPGA’s
•
Test and Measurement
•
PON
•
Medical
•
COTS
•
V
DD
Output
E/D
GND
Oscillator
& Temp Comp
MEMS
NC
Complementary
Output
PLL
Page1


Similar Part No. - VM-802

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-800 VECTRON-VM-800 Datasheet
183Kb / 5P
MEM?셲 Clock Oscillator
More results

Similar Description - VM-802

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
logo
Vectron International, ...
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
HCSL, LVDS, LVPECL Crystal Oscillator
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
LVPECL, LVDS Crystal Oscillator
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
MEMS based HCSL, LVDS, LVPECL Oscillator
VM-822 VECTRON-VM-822 Datasheet
289Kb / 8P
MEMS based HCSL, LVDS, LVPECL Oscillator
logo
Micrel Semiconductor
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
Low-Jitter Configurable HCSL-LVPECL Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com