Electronic Components Datasheet Search
  English  ▼

X  

VT-803 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VT-803
Description  Temperature Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-803 Datasheet(HTML) 2 Page - Vectron International, Inc

  VT-803 Datasheet HTML 1Page - Vectron International, Inc VT-803 Datasheet HTML 2Page - Vectron International, Inc VT-803 Datasheet HTML 3Page - Vectron International, Inc VT-803 Datasheet HTML 4Page - Vectron International, Inc VT-803 Datasheet HTML 5Page - Vectron International, Inc VT-803 Datasheet HTML 6Page - Vectron International, Inc VT-803 Datasheet HTML 7Page - Vectron International, Inc VT-803 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
1. The Output is DC coupled.
2. The VT-803 power supply pin should be filtered, eg, a 10uF, 0.1uF and 0.01uf capacitor.
3. Not all stabilities are available over all temperature ranges, consult Table 9.
4. After 2 IR reflows and 24 hours.
5. The output is enabled if the E/D is left floating.
Specifications
Table 2. Pinout
Pin #
Symbol
Function
1V
C
TCXO Control Voltage or NC
2
NC
Make No Connection
3
NC
Make No Connection
4
GND
Ground
5
OUT
Output
6
E/D
Enable Disable
7
NC
Make No Connection
8V
DD
Supply Voltage
Outline Drawing
Frequency
Date Code
#3
Table 1. Electrical Performance, Clipped Sine Wave Option
Parameter
Symbol
Min
Typ
Max
Units
Output Frequency,1 Ordering Option
f
O
10
52
MHz
Supply Voltage2,
Ordering Option
V
DD
+2.8, +3.0, +3.3, +5.0
V
Supply Current, 10-26.000MHz
26.001-52.000MHz
I
DD
2.0
2.6
mA
Operating Temperature, Ordering Option
T
OP
-10/70, -20/70, -30/85, -40/85
°C
Stability Over Operating Temperature3,
Ordering Option
±0.100, ±0.200, ±0.280, ±0.500, ±1.0
ppm
Initial Accuracy, “No Adjust” Option4
±1.0
ppm
Power Supply Stability, ±5% change
±0.05
ppm
Load Stability, ±10% change
±0.05
ppm
Aging
±0.5
ppm/yr
Pull Range, Ordering Option
PR
±5, ±8, ±10, ±12
ppm
Control Voltage to reach Pull Range
0.5
2.5
V
Control Voltage Impedance
100
Kohm
Output Level
V
O
p/p
0.8
V
Output Load
10K II 10pF
Phase Noise, 26.000MHz
10Hz
100Hz
1kHz
10kHz
100kHz
0
N
-91
-117
-136
-150
-158
dBc/Hz
Enable/ Disable5
Output Enabled
Output Disabled
V
IH
V
IL
0.3*V
DD
0.7*V
DD
V
V
Start Up Time
t
SU
2ms
Dimensions in mm
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com