Electronic Components Datasheet Search
  English  ▼

X  

VTC1 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VTC1
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC1 Datasheet(HTML) 2 Page - Vectron International, Inc

  VTC1 Datasheet HTML 1Page - Vectron International, Inc VTC1 Datasheet HTML 2Page - Vectron International, Inc VTC1 Datasheet HTML 3Page - Vectron International, Inc VTC1 Datasheet HTML 4Page - Vectron International, Inc VTC1 Datasheet HTML 5Page - Vectron International, Inc VTC1 Datasheet HTML 6Page - Vectron International, Inc VTC1 Datasheet HTML 7Page - Vectron International, Inc VTC1 Datasheet HTML 8Page - Vectron International, Inc VTC1 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VTC1 Data sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance for the Clipped Sine Wave Output Option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
10.000
40.000
MHz
Typical Supply Voltage
1
Ordering option, see last page
2.8, 3.0, 3.3 or 5.0
V
Supply Current
10.00 MHz to < 15.00 MHz
15.00 MHz to < 26.00 MHz
26.00 MHz to 40.00 MHz
IDD
1.5
2.0
2.5
mA
Output Level
2
Vp/p
0.8
V
Output Load
10K II 10pf
Control Voltage Impedance
ZVc
1
Mohm
Control Voltage to reach pull
All options (5.0, 3.3,3.0 and 2.8V)
0.5
2.5
V
Pull Range
Ordering option, see last page
TPR
±5, ±8, ±10, ±15
ppm
Temperature Stability
Ordering option, see last page.
±0.5 to ±5.0
ppm
Initial Accuracy, “No Adjust” option
3
±1.0
ppm
Power Supply Stability
±0.2
ppm
Load Stability
±0.2
ppm
Aging
±1.0
ppm/year
Operating temperature
Ordering option, see last page
0/55, -10/60, -20/70, -30/80, -40/85
°C
Phase Noise, 12.800 MHz
10 Hz offset
100 Hz offset
1 kHz offset
10 kHz offset
100 kHz offset
-85
-115
-130
-143
-152
dBc/Hz
Start-up time
2
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Output is AC coupled.
3. Initial Accuracy is +/-2.0ppm after 2 IR reflows.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com