Electronic Components Datasheet Search
  English  ▼

X  

OPA188 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA188 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA188 Datasheet HTML 7Page - Texas Instruments OPA188 Datasheet HTML 8Page - Texas Instruments OPA188 Datasheet HTML 9Page - Texas Instruments OPA188 Datasheet HTML 10Page - Texas Instruments OPA188 Datasheet HTML 11Page - Texas Instruments OPA188 Datasheet HTML 12Page - Texas Instruments OPA188 Datasheet HTML 13Page - Texas Instruments OPA188 Datasheet HTML 14Page - Texas Instruments OPA188 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Time(1s/div)
Peak-to-PeakNoise=250nV
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
5TypicalUnitsShown
V
= 2Vto 18V
SUPPLY
±
±
0.01
0.001
0.0001
0.00001
10
100
1k
10k
20k
Frequency(Hz)
V
=1V
BW=80kHz
OUT
RMS
G=+1,R =10kW
L
G= 1,R =10k
-
W
L
-
80
-
100
-
120
-
140
100
10
1
0.1
10
100
1k
10k
100k
Frequency(Hz)
1
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
20
OutputAmplitude(V
)
RMS
-
60
80
100
120
140
-
-
-
-
BW=80kHz
G=+1,R =10kW
L
G= 1,R =10k
-
W
L
0.5
0.48
0.46
0.44
0.42
0.4
0.38
0.36
0.34
0.32
0.3
0
4
8
12
16
36
SupplyVoltage(V)
32
28
24
20
SpecifiedSupply-VoltageRange
OPA188
OPA2188
OPA4188
www.ti.com
SBOS525
– AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
PSRR vs TEMPERATURE
0.1-Hz TO 10-Hz NOISE
Figure 13.
Figure 14.
INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 15.
Figure 16.
THD+N vs OUTPUT AMPLITUDE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 17.
Figure 18.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA188 OPA2188 OPA4188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com