Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2188
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2188 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments OPA2188 Datasheet HTML 10Page - Texas Instruments OPA2188 Datasheet HTML 11Page - Texas Instruments OPA2188 Datasheet HTML 12Page - Texas Instruments OPA2188 Datasheet HTML 13Page - Texas Instruments OPA2188 Datasheet HTML 14Page - Texas Instruments OPA2188 Datasheet HTML 15Page - Texas Instruments OPA2188 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
180
135
90
45
0
45
-
0.1
1
10
100
1k
10M
Frequency(Hz)
100k
10k
0
-
-
-
-
-
45
90
135
180
225
1M
Phase
Gain
0.5
0.48
0.46
0.44
0.42
0.4
0.38
0.36
0.34
0.32
0.3
-55
-35
-15
5
25
125
Temperature( C)
°
45
105
85
65
V = 18V
±
S
V = 2V
±
S
25
20
15
10
5
0
5
10
15
20
-
-
-
-
10k
10M
Frequency(Hz)
1M
100k
G=10
G=+1
G= 1
-
3
2.5
2
1.5
1
0.5
0
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
V
=4V,R =10kW
SUPPLY
L
V
=36V,R =10kW
SUPPLY
L
10k
1k
100
10
1
1m
1
10
100
1k
10k
10M
Frequency(Hz)
100k
1M
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
CapacitiveLoad(pF)
+18V
-
18V
R
OUT
C
L
Device
R
L
G=+1
R
=0 W
OUT
R
=25 W
OUT
R
=50 W
OUT
R =
kW
L
10
OPA188
OPA2188
OPA4188
SBOS525
– AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Figure 19.
Figure 20.
CLOSED-LOOP GAIN vs FREQUENCY
OPEN-LOOP GAIN vs TEMPERATURE
Figure 21.
Figure 22.
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
(100-mV Output Step)
Figure 23.
Figure 24.
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA188 OPA2188 OPA4188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com