Electronic Components Datasheet Search
  English  ▼

X  

3422 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3422
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422 Datasheet(HTML) 4 Page - Unisonic Technologies

  3422 Datasheet HTML 1Page - Unisonic Technologies 3422 Datasheet HTML 2Page - Unisonic Technologies 3422 Datasheet HTML 3Page - Unisonic Technologies 3422 Datasheet HTML 4Page - Unisonic Technologies 3422 Datasheet HTML 5Page - Unisonic Technologies 3422 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3422
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-029,Ba
ELECTRICAL CHARACTERISTICS (Vcc+=15V, Vcc-=-15V, Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
+=+15V, VCC-=-15V
2.5
TMIN≤TA≤TMAX
3.5
Input Offset Voltage
VIO
VIC=0V, VO=0V
VCC
+=+5V, VCC-=0V
2.5
mV
Input Offset Voltage Drift
V
△ IO
VIC=0V, VO=0V
2
μV/℃
Input Offset Current
IIO
VIC=0V, VO=0V
3
65
nA
Input Bias Current
IIB
VIC=0V, VO=0V
100
650
nA
Common Mode Input Voltage
VICM
VCC
- to
VCC
+-1.8
V
Large Signal Voltage Gain
AVD
RL=2kΩ, VO=0V ~ +10V
TMIN≤TA≤TMAX
32
20
100
V/mV
VOH
13.4
13.9
VCC
+=+15V,VCC-=-15V,
RL=2kΩ
VOL
-13.9
-13.5
VOH
13.4
14
RL=10kΩ
VOL
-14.7
-14.1
VOH
3.7
Output Voltage Swing
±VOPP
VID=±1V
VCC
+=+5V, VCC- =0V,
RL=2kΩ
VOL
0.15
0.2
V
Source
25
37
Output Short Circuit Current
IO
VID=±1V, VO=0V,
Sink
25
37
mA
Common
Mode
Rejection
Ratio
CMR
Vic=-15V ~ +13.2V
80
100
dB
Supply Voltage Rejection Ratio
SVR
VCC
+/ VCC-=+15V/-15V ~ +5V/-5V
90
105
dB
VCC
+=+15V, VCC-=-15V
2.75
TMIN≤TA≤TMAX
2.15
3
Supply Current
ICC
VO=0V,no load,
each amplifier
VCC
+=+5V,VCC-=0V
2.75
mA
Slew Rate
SR
VI =-10V~10V,CL=100pF,RL=2kΩ, AV=+1
8
15
V/μs
Gain Bandwith Product
GBP
f=100kHz, RL=2kΩ, CL=100pF
17
25
MHz
Unity Gain Bandwith
B
Open loop
5
MHz
50
Phase Margin
m
RL=2kΩ
RL=2kΩ, CL=100pF
40
Degrees
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1kHz
14
nV
√Hz
Channel Separation
VO1/VO2 f=20Hz ~ 20kHz
120
dB
Total Harmonic Distortion
THD
VCC=±15V, f=1kHz, AVCL=20dB,
RL=600Ω, VO=3Vrms
0.003
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com