Electronic Components Datasheet Search
  English  ▼

X  

SIM-030ST Datasheet(PDF) 2 Page - Rohm

Part # SIM-030ST
Description  Surface Mount High Output Infrared LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-030ST Datasheet(HTML) 2 Page - Rohm

  SIM-030ST_10 Datasheet HTML 1Page - Rohm SIM-030ST_10 Datasheet HTML 2Page - Rohm SIM-030ST_10 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions (Unit : mm)
Notes:
1. Unspecified tolerance
shall be
±0.15 .
2. Dimension in parenthesis are
show for reference.
2010.11 Rev.B
Fig.7 Wavelength vs.
Ambient temperature
AMBIENT TEMPERATURE : Ta (
°C)
−25
50
25
0
100
75
850
855
860
865
870
875
880
IF
=100mA
(1.0)
2.3
1.5
0.4
0.4
0.15
0.15
Cathode
Anode
Backside Matellisation
Cathode
Anode
Internal connection diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com