Electronic Components Datasheet Search
  English  ▼

X  

LR3966 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR3966
Description  3.0A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3966 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR3966 Datasheet HTML 1Page - Unisonic Technologies LR3966 Datasheet HTML 2Page - Unisonic Technologies LR3966 Datasheet HTML 3Page - Unisonic Technologies LR3966 Datasheet HTML 4Page - Unisonic Technologies LR3966 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR3966
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R101-032.b
3.0A LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The LR3966 is a low-noise, low-dropout linear regulator
operated from a 2.5V to 6V input voltage and is guaranteed to
deliver 3A output current. Wide range of preset output voltage
options are available. Built-in low on-resistance transistor provides
low dropout voltage and large output current. The LR3966 is
designed and optimized for battery-powered systems to work with
low noise.
The LR3966 is developed on a CMOS process technology
which allows low quiescent current operation independent of output
load current.. This CMOS process also allows the LR3966 to operate
under extremely low dropout conditions.
FEATURES
* 3A Guaranteed Output Current
* Ultra Low Dropout Voltage
* Low Ground Pin Current
* Low Temperature Coefficient
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
* SENSE Option Improves Load Regulation
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR3966L-xx-TN5-D-R
LR3966G-xx-TN5-D-R
TO-252-5
Tape Reel


Similar Part No. - LR3966

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
202Kb / 5P
3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
316Kb / 7P
3.0A LOW DROPOUT LINEAR REGULATOR
LR3966G-18-AA3-A-R UTC-LR3966G-18-AA3-A-R Datasheet
316Kb / 7P
3.0A LOW DROPOUT LINEAR REGULATOR
LR3966G-18-AA3-A-T UTC-LR3966G-18-AA3-A-T Datasheet
316Kb / 7P
3.0A LOW DROPOUT LINEAR REGULATOR
LR3966G-18-TN5-A-R UTC-LR3966G-18-TN5-A-R Datasheet
316Kb / 7P
3.0A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR3966

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
3.0A Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
3.0A Ultra-Low Dropout Linear Regulator
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
3.0A LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
3.0A LOW DROPOUT LINEAR REGULATOR
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
3.0A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com