Electronic Components Datasheet Search
  English  ▼

X  

L6228Q Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 22Page - STMicroelectronics L6228Q Datasheet HTML 23Page - STMicroelectronics L6228Q Datasheet HTML 24Page - STMicroelectronics L6228Q Datasheet HTML 25Page - STMicroelectronics L6228Q Datasheet HTML 26Page - STMicroelectronics L6228Q Datasheet HTML 27Page - STMicroelectronics L6228Q Datasheet HTML 28Page - STMicroelectronics L6228Q Datasheet HTML 29Page - STMicroelectronics L6228Q Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Output current capability and IC power dissipation
L6228Q
26/32
Doc ID 14321 Rev 4
Figure 27.
IC power dissipation versus output current in NORMAL mode
(full step two phase on)
Figure 28.
IC power dissipation versus output current in WAVE mode
(full step one phase on)
Figure 29.
IC power dissipation versus output current in MICROSTEPPING mode
No PWM
fSW = 30 kHz (slow decay)
Test Conditions:
Supply Volt age =24 V
I A
I B
IOUT
IOUT
PD [W ]
I OUT [A ]
NORM AL DRIVE
0
0.25 0.5 0.75
1
1.25 1.5
0
2
4
6
8
10
No PW M
fSW = 3 0 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
WAVE DRIVE
PD [W]
I OUT [A]
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10
fSW = 50 k
Hz (slow decay)
fSW = 30 k
Hz (slow decay)
I A
I B
IOUT
IOUT
MICROSTEPPING
PD [W]
I OUT [A]
Test Conditions:
Supply Voltage = 24V
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com