Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 28Page - Texas Instruments CC2500 Datasheet HTML 29Page - Texas Instruments CC2500 Datasheet HTML 30Page - Texas Instruments CC2500 Datasheet HTML 31Page - Texas Instruments CC2500 Datasheet HTML 32Page - Texas Instruments CC2500 Datasheet HTML 33Page - Texas Instruments CC2500 Datasheet HTML 34Page - Texas Instruments CC2500 Datasheet HTML 35Page - Texas Instruments CC2500 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
CC2500
SWRS040C
Page 32 of 89
options. Refer also to the
CC2500 Errata Notes
[1].
15.4.1 PKTCTRL0.CC2400_EN=0
If PKTCTRL0.CC2400_EN=0 it is possible to
read back the CRC status in 2 different ways:
1) Set PKTCTRL1.APPEND_STATUS=1 and
read the CRC_OK flag in the MSB of the
second byte appended to the RX FIFO after
the packet data. This requires double buffering
of the packet, i.e. the entire packet content of
the RX FIFO must be completely read out
before it is possible to check whether the CRC
indication is OK or not.
2) To avoid reading the entire RX FIFO,
another
solution
is
to
use
the
PKTCTRL1.CRC_AUTOFLUSH
feature. If this
feature is enabled, the entire RX FIFO will be
flushed
if
the
CRC
check
fails.
If
GDOx_CFG
=0x06 the GDOx pin will be asserted
when a sync word is found. The GDOx pin will
be de-asserted at the end of the packet. When
the latter occurs the MCU should read the
number of bytes in the RX FIFO from the
RXBYTES.NUM_RXBYTES
status register. If
RXBYTES.NUM_RXBYTES
=0 the CRC check
failed
and
the
FIFO
is
flushed.
If
RXBYTES.NUM_RXBYTES
>0 the CRC check
was OK and data can be read out of the FIFO.
15.4.2 PKTCTRL0.CC2400_EN=1
If PKTCTRL0.CC2400_EN=1 the CRC can be
checked as outlined in 1) in Section 15.4.1 as
well as by reading the CRC_OK flag available
in the PKTSTATUS[7] register, in the LQI[7]
status register or from one of the GDO pins if
GDOx_CFG
is 0x07 or 0x15.
The PKTCTRL1.CRC_AUTOFLUSH
or data
whitening
cannot
be
used
when
PKTCTRL0.CC2400_EN
=1.
15.5
Packet Handling in Transmit Mode
The payload that is to be transmitted must be
written into the TX FIFO. The first byte written
must be the length byte when variable packet
length is enabled. The length byte has a value
equal to the payload of the packet (including
the
optional
address
byte).
If
address
recognition is enabled on the receiver, the
second byte written to the TX FIFO must be
the address byte. If fixed packet length is
enabled, then the first byte written to the TX
FIFO should be the address (if the receiver
uses address recognition).
The modulator will first send the programmed
number of preamble bytes. If data is available
in the TX FIFO, the modulator will send the
two-byte (optionally 4-byte) sync word and
then the payload in the TX FIFO. If CRC is
enabled, the checksum is calculated over all
the data pulled from the TX FIFO and the
result is sent as two extra bytes following the
payload data. If the TX FIFO runs empty
before
the
complete
packet
has
been
transmitted,
the
radio
will
enter
TXFIFO_UNDERFLOW state. The only way to
exit this state is by issuing an SFTX strobe.
Writing to the TX FIFO after it has underflowed
will not restart TX mode.
If whitening is enabled, everything following
the sync words will be whitened. This is done
before the optional FEC/Interleaver stage.
Whitening
is
enabled
by
setting
PKTCTRL0.WHITE_DATA
=1.
If FEC/Interleaving is enabled, everything
following the sync words will be scrambled by
the interleaver and FEC encoded before being
modulated.
FEC
is
enabled
by
setting
MDMCFG1.FEC_EN
=1.
15.6
Packet Handling in Receive Mode
In receive mode, the demodulator and packet
handler will search for a valid preamble and
the sync word. When found, the demodulator
has obtained both bit and byte synchronism
and will receive the first payload byte.
If
FEC/Interleaving
is
enabled,
the
FEC
decoder will start to decode the first payload
byte. The interleaver will de-scramble the bits
before any other processing is done to the
data.
If whitening is enabled, the data will be de-
whitened at this stage.
When variable packet length mode is enabled,
the first byte is the length byte. The packet
handler stores this value as the packet length
and receives the number of bytes indicated by
the length byte. If fixed packet length mode is
used, the packet handler will accept the
programmed number of bytes.
Next, the packet handler optionally checks the
address and only continues the reception if the
address matches. If automatic CRC check is
enabled, the packet handler computes CRC
and matches it with the appended CRC
checksum.
At the end of the payload, the packet handler
will optionally write two extra packet status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com