Electronic Components Datasheet Search
  English  ▼

X  

CC2500RTK Datasheet(PDF) 28 Page - Texas Instruments

Part # CC2500RTK
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500RTK Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC2500RTK Datasheet HTML 24Page - Texas Instruments CC2500RTK Datasheet HTML 25Page - Texas Instruments CC2500RTK Datasheet HTML 26Page - Texas Instruments CC2500RTK Datasheet HTML 27Page - Texas Instruments CC2500RTK Datasheet HTML 28Page - Texas Instruments CC2500RTK Datasheet HTML 29Page - Texas Instruments CC2500RTK Datasheet HTML 30Page - Texas Instruments CC2500RTK Datasheet HTML 31Page - Texas Instruments CC2500RTK Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
CC2500
SWRS040C
Page 28 of 89
14.3
Byte Synchronization
Byte
synchronization
is
achieved
by
a
continuous sync word search. The sync word
is a 16 bit configurable field (can be repeated
to get a 32 bit) that is automatically inserted at
the start of the packet by the modulator in
transmit mode. The demodulator uses this
field to find the byte boundaries in the stream
of bits. The sync word will also function as a
system identifier, since only packets with the
correct predefined sync word will be received if
the sync word detection in RX is enabled in
register MDMCFG2 (see Section 17.1). The
sync word detector correlates against the
user-configured 16 or 32 bit sync word. The
correlation threshold can be set to 15/16,
16/16, or 30/32 bits match. The sync word can
be further qualified using the preamble quality
indicator mechanism described below and/or a
carrier sense condition. The sync word is
configured through the SYNC1 and SYNC0
registers.
In order to make false detections of sync
words
less
likely,
a
mechanism
called
preamble quality indication (PQI) can be used
to qualify the sync word. A threshold value for
the preamble quality must be exceeded in
order for a detected sync word to be accepted.
See Section 17.2 on page 34 for more details.
15 Packet Handling Hardware Support
The
CC2500 has built-in hardware support for
packet oriented radio protocols.
In transmit mode, the packet handler can be
configured to add the following elements to the
packet stored in the TX FIFO:
A programmable number of preamble
bytes
A two byte synchronization (sync) word.
Can be duplicated to give a 4-byte sync
word (recommended). It is not possible to
only insert preamble or only insert a sync
word.
A CRC checksum computed over the data
field
The recommended setting is 4-byte preamble
and 4-byte sync word, except for 500 kBaud
data rate where the recommended preamble
length is 8 bytes.
In addition, the following can be implemented
on the data field and the optional 2-byte CRC
checksum:
Whitening
of
the
data
with
a
PN9
sequence.
Forward error correction by the use of
interleaving
and
coding
of
the
data
(convolutional coding).
In receive mode, the packet handling support
will
de-construct
the
data
packet
by
implementing the following (if enabled):
Preamble detection
Sync word detection
CRC computation and CRC check
One byte address check
Packet length check (length byte checked
against a programmable maximum length)
De-whitening
De-interleaving and decoding
Optionally, two status bytes (see Table 21 and
Table 22) with RSSI value, Link Quality
Indication, and CRC status can be appended
in the RX FIFO.
Bit
Field Name
Description
7:0
RSSI
RSSI value
Table 21: Received Packet Status Byte 1
(first byte appended after the data)
Bit
Field Name
Description
7
CRC_OK
1: CRC for received data OK (or
CRC disabled)
0: CRC error in received data
6:0
LQI
The Link Quality Indicator
estimates how easily a received
signal can be demodulated
Table 22: Received Packet Status Byte 2
(second byte appended after the data)
Note that register fields that control the packet
handling features should only be altered when
CC2500 is in the IDLE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com