Electronic Components Datasheet Search
  English  ▼

X  

MSP430F155IPM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F155IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F155IPM Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F155IPM Datasheet HTML 1Page - Texas Instruments MSP430F155IPM Datasheet HTML 2Page - Texas Instruments MSP430F155IPM Datasheet HTML 3Page - Texas Instruments MSP430F155IPM Datasheet HTML 4Page - Texas Instruments MSP430F155IPM Datasheet HTML 5Page - Texas Instruments MSP430F155IPM Datasheet HTML 6Page - Texas Instruments MSP430F155IPM Datasheet HTML 7Page - Texas Instruments MSP430F155IPM Datasheet HTML 8Page - Texas Instruments MSP430F155IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
MSP430F15x, MSP430F16x, MSP430F161x
MIXED SIGNAL MICROCONTROLLER
SLAS368G − OCTOBER 2002 − REVISED MARCH 2011
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range: 1.8 V to 3.6 V
D Ultralow Power Consumption
− Active Mode: 330
μA at 1 MHz, 2.2 V
− Standby Mode: 1.1
μA
− Off Mode (RAM Retention): 0.2
μA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in
Less Than 6
μs
D 16-Bit RISC Architecture,
125-ns Instruction Cycle Time
D Three-Channel Internal DMA
D 12-Bit Analog-to-Digital (A/D) Converter
With Internal Reference, Sample-and-Hold,
and Autoscan Feature
D Dual 12-Bit Digital-to-Analog (D/A)
Converters With Synchronization
D 16-Bit Timer_A With Three
Capture/Compare Registers
D 16-Bit Timer_B With Three or Seven
Capture/Compare-With-Shadow Registers
D On-Chip Comparator
D Serial Communication Interface (USART0),
Functions as Asynchronous UART or
Synchronous SPI or I2CTM Interface
D Serial Communication Interface (USART1),
Functions as Asynchronous UART or
Synchronous SPI Interface
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Brownout Detector
D Bootstrap Loader
I2C is a registered trademark of Philips Incorporated.
D Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
D Family Members Include
− MSP430F155
16KB+256B Flash Memory
512B RAM
− MSP430F156
24KB+256B Flash Memory
1KB RAM
− MSP430F157
32KB+256B Flash Memory,
1KB RAM
− MSP430F167
32KB+256B Flash Memory,
1KB RAM
− MSP430F168
48KB+256B Flash Memory,
2KB RAM
− MSP430F169
60KB+256B Flash Memory,
2KB RAM
− MSP430F1610
32KB+256B Flash Memory
5KB RAM
− MSP430F1611
48KB+256B Flash Memory
10KB RAM
− MSP430F1612
55KB+256B Flash Memory
5KB RAM
D Available in 64-Pin QFP Package (PM) and
64-Pin QFN Package (RTD)
D For Complete Module Descriptions, See the
MSP430x1xx Family User’s Guide,
Literature Number SLAU049
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6
μs.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F155IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F155IPM TI-MSP430F155IPM Datasheet
1Mb / 70P
MIXED SIGNAL MICROCONTROLLER
MSP430F155IPM TI-MSP430F155IPM Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F155IPM TI-MSP430F155IPM Datasheet
1Mb / 71P
MIXED SIGNAL MICROCONTROLLER
MSP430F155IPM TI1-MSP430F155IPM Datasheet
1Mb / 78P
MIXED SIGNAL MICROCONTROLLER
MSP430F155IPM TI2-MSP430F155IPM Datasheet
1Mb / 85P
MIXED SIGNAL MICROCONTROLLER
REVISED MARCH 2011
More results

Similar Description - MSP430F155IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com