Electronic Components Datasheet Search
  English  ▼

X  

2SC5344 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # 2SC5344
Description  Audio power amplifier application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

2SC5344 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  2SC5344 Datasheet HTML 1Page - KODENSHI_AUK CORP. 2SC5344 Datasheet HTML 2Page - KODENSHI_AUK CORP. 2SC5344 Datasheet HTML 3Page - KODENSHI_AUK CORP. 2SC5344 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0A019-001
1
2SC5344
NPN Silicon Transistor
PIN Connection
C
B
E
TO-92
Description
• Audio power amplifier application
Features
• High hFE : hFE=100~320
• Complementary pair with 2SA1981
Ordering Information
Type NO.
Marking
Package Code
2SC5344
C5344
TO-92
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
35
V
Collector-Emitter voltage
VCEO
30
V
Emitter-Base voltage
VEBO
5
V
Collector current
IC
800
mA
Collector dissipation
PC
500
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100μA, IE=0
35
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
30
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=35V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
μA
DC current gain
hFE
*
VCE=1V, IC=100mA
100
-
320
-
Collector-Emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
0.5
V
Transition frequency
fT
VCE=5V, IC=10mA
-
120
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
13
-
pF
* : hFE rank / O : 100 ~ 200, Y : 160 ~ 320


Similar Part No. - 2SC5344

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5344 AUK-2SC5344 Datasheet
215Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
logo
Galaxy Semi-Conductor H...
2SC5344 BILIN-2SC5344 Datasheet
160Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Rectron Semiconductor
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
Weitron Technology
2SC5344 WEITRON-2SC5344 Datasheet
744Kb / 4P
NPN General Purpose Transistors
logo
SeCoS Halbleitertechnol...
2SC5344 SECOS-2SC5344 Datasheet
298Kb / 2P
0.8A , 35V NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC5344

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
2SC5344S KODENSHI-2SC5344S Datasheet
285Kb / 4P
Audio power amplifier application
2SC5344SF KODENSHI-2SC5344SF Datasheet
273Kb / 4P
Audio power amplifier application
2SC5344U KODENSHI-2SC5344U Datasheet
261Kb / 4P
Audio power amplifier application
2SA1981 KODENSHI-2SA1981 Datasheet
226Kb / 4P
Audio power amplifier application
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
2SA1981SF KODENSHI-2SA1981SF Datasheet
275Kb / 4P
Audio power amplifier application
2SC5344 KODENSHI-2SC5344 Datasheet
224Kb / 4P
Audio power amplifier application
2SC5344S KODENSHI-2SC5344S Datasheet
285Kb / 4P
Audio power amplifier application
2SC5344U KODENSHI-2SC5344U Datasheet
261Kb / 4P
Audio power amplifier application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com