Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # BC856
Description  General purpose application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BC856 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  BC856 Datasheet HTML 1Page - KODENSHI_AUK CORP. BC856 Datasheet HTML 2Page - KODENSHI_AUK CORP. BC856 Datasheet HTML 3Page - KODENSHI_AUK CORP. BC856 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C030-000
1
BC856
PNP Silicon Transistor
PIN Connection
SOT-23
Descriptions
• General purpose application
• Switching application
Features
• High voltage : VCEO=-55V
• Complementary pair with BC846
Ordering Information
Type NO.
Marking
Package Code
TA □ □
BC856
① ②
③
SOT-23
①
Device Code ② hFE Rank ③ Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-80
V
Collector-Emitter voltage
VCEO
-55
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BVCEO
IC=-2mA, IB=0
-55
-
-
V
Base-Emitter turn on voltage
VBE(ON)
VCE=-5V, IC=-2mA
-
-
-700
mV
Base-Emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-5mA
-
-900
-
mV
Collector-Emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-5mA
-
-
-650
mV
Collector cut-off current
ICBO
VCB=-35V, IE=0
-
-
-15
nA
DC current gain
hFE
*
VCE=-5V, IC=-2mA
110
-
800
-
Transition frequency
fT
VCB=-5V, IC=-10mA
-
150
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
4.5
pF
Noise figure
NF
VCE=-5V, IC=-200μA,
f=1KHz,Rg=2KΩ
-
-
10
dB
* : hFE rank / A : 110 ~ 220, B : 200 ~ 450, C : 420 ~ 800
B
E
C


Similar Part No. - BC856

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Fairchild Semiconductor
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC856 GE-BC856 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC856 KEC-BC856 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC856 AUK-BC856 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC856

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
General purpose application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com