Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW429IPM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FW429IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FW429IPM Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430FW429IPM Datasheet HTML 17Page - Texas Instruments MSP430FW429IPM Datasheet HTML 18Page - Texas Instruments MSP430FW429IPM Datasheet HTML 19Page - Texas Instruments MSP430FW429IPM Datasheet HTML 20Page - Texas Instruments MSP430FW429IPM Datasheet HTML 21Page - Texas Instruments MSP430FW429IPM Datasheet HTML 22Page - Texas Instruments MSP430FW429IPM Datasheet HTML 23Page - Texas Instruments MSP430FW429IPM Datasheet HTML 24Page - Texas Instruments MSP430FW429IPM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
MSP430FW42x
www.ti.com
SLAS383D – OCTOBER 2003 – REVISED JANUARY 2011
Supply Current Into AVCC + DVCC Excluding External Current ('FW428 and 'FW429 devices)
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TA
VCC
MIN
TYP
MAX
UNIT
Active mode (AM)
2.2 V
210
290
I(AM)
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
-40°C to 85°C
µA
3 V
320
390
f(ACLK) = 32768 Hz, XTS_FLL = 0
Low-power mode 0 (LPM0)(2)
2.2 V
60
75
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
I(LPM0)
-40°C to 85°C
µA
f(ACLK) = 32768 Hz, XTS_FLL = 0,
3 V
95
110
FN_8 = FN_4 = FN_3 = FN_2 = 0
2.2 V
11
14
I(LPM2) Low-power mode 2 (LPM2)
(2)
-40°C to 85°C
µA
3 V
17
22
-40°C
0.95
1.4
-10°C
0.8
1.3
25°C
2.2 V
0.7
1.5
µA
60°C
1.0
1.9
85°C
1.7
2.9
I(LPM3) Low-power mode 3 (LPM3)
(3) (2)
-40°C
1.1
1.7
-10°C
1.0
1.6
25°C
3 V
0.9
1.85
µA
60°C
1.3
2.6
85°C
2.1
3.9
-40°C
0.1
0.5
I(LPM4) Low-power mode (LPM4)
(2)
25°C
2.2 V/3 V
0.15
0.5
µA
85°C
1.3
2.5
(1)
All inputs are tied to 0 V or VCC. Outputs do not source or sink any current. The current consumption is measured with active Basic
Timer1 and LCD (ACLK selected). The current consumption of the Comparator_A and the SVS module are specified in the respective
sections.
(2)
Current consumption for brownout included.
(3)
The LPM3 currents are characterized with a KDS Daishinku DT
−38 (6 pF) crystal.
Current consumption of active mode versus system frequency
I(AM) = I(AM) [1 MHz] × f(System) [MHz]
Current consumption of active mode versus supply voltage
I(AM) = I(AM) [3 V] + 140 µA/V × (VCC - 3 V)
Copyright © 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com