Electronic Components Datasheet Search
  English  ▼

X  

DN030 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # DN030
Description  Extremely low collector-to-emitter saturation voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

DN030 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  DN030 Datasheet HTML 1Page - KODENSHI_AUK CORP. DN030 Datasheet HTML 2Page - KODENSHI_AUK CORP. DN030 Datasheet HTML 3Page - KODENSHI_AUK CORP. DN030 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0A002-000
1
DN030
NPN Silicon Transistor
PIN Connection
C
B
E
TO-92
Features
• Extremely low collector-to-emitter
saturation voltage
( VCE(SAT)= 0.1V Typ. @IC/IB=100mA/10mA)
• Suitable for low voltage large current drivers
• Complementary pair with DP030
• Switching Application
Ordering Information
Type NO.
Marking
Package Code
DN030
DNO30
TO-92
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
15
V
Collector-Emitter voltage
VCEO
12
V
Emitter-Base voltage
VEBO
5
V
Collector current
IC
300
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=50μA, IE=0
15
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
12
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=50μA, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=12V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
μA
hFE1
VCE=1V, IC=100mA
200
-
450
-
DC current gain
hFE2
VCE=1V, IC=300mA
70
-
-
-
VCE(sat1)
IC=100mA, IB=10mA
-
-
0.2
V
Collector-Emitter saturation voltage
VCE(sat2)
IC=300mA, IB=30mA
-
-
0.5
V
VBE(sat1)
IC=100mA, IB=10mA
-
-
1.2
V
Base-Emitter saturation voltage
VBE(sat2)
IC=300mA, IB=30mA
-
-
1.7
V
Transition frequency
fT
VCE=5V, IC=10mA
-
300
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
3
-
PF


Similar Part No. - DN030

ManufacturerPart #DatasheetDescription
logo
AUK corp
DN030 AUK-DN030 Datasheet
61Kb / 3P
NPN Silicon Transistor
DN030E AUK-DN030E Datasheet
56Kb / 3P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
DN030E KODENSHI-DN030E Datasheet
57Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
AUK corp
DN030S AUK-DN030S Datasheet
57Kb / 3P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
DN030S KODENSHI-DN030S Datasheet
267Kb / 4P
Extremely low collector-to-emitter saturation voltage
More results

Similar Description - DN030

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP030S AUK-DP030S Datasheet
72Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
KODENSHI_AUK CORP.
DN030U KODENSHI-DN030U Datasheet
296Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN030E KODENSHI-DN030E Datasheet
57Kb / 3P
Extremely low collector-to-emitter saturation voltage
DN500 KODENSHI-DN500 Datasheet
57Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP030 KODENSHI-DP030 Datasheet
66Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP030S KODENSHI-DP030S Datasheet
61Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com