Electronic Components Datasheet Search
  English  ▼

X  

KPI23FTH Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KPI23FTH
Description  Photointerrupter(Transmissive)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI23FTH Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KPI23FTH Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI23FTH Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Widely Applicable
• GAP : 3.0mm
• Compact & Light
APPLICATIONS
• Printers
• Copiers
• ATM
ABSOLUTE MAXIMUM RATINGS
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃)
1/2
Pulse Forward Current
*1
25
-
*2. No icebound or dew
mW
℃
℃
PC
Emitter Collector Voltage
mW
㎊
f=1KHz, V=0V
tf
VCE(Sat)
15
tr
-
ICEO
μA
VCE=10V, 0 Lux
mA
60
IF=20mA, IC=0.1mA
-30 ~ +85
mA
λ
P
IL
CT
-
VR=5V
-
-
-
-
-
-
TYP.
1.2
Parameter
260
Input
Peak Wavelength
IF=20mA
MIN.
-
TSOL
100
• Timers
V
A
Rating
5
1
IFP
Reverse Voltage
1.5
KPI23FTH
KPI23FTH combines a high-output GaAs IRED with
DIMENSIONS
The photointerrupter high-performance standard type
DESCRIPTION
a high sensitivity phototransistor.
℃
0.1
V
-
-
0.4
5
mA
VCE=5V, IF=20mA (Non-shading)
0.5
µs
µs
VCC=5V, IC=2mA,
RL=100Ω
-
-
5
-
Coupled
Rise Time
Collector Emitter Saturation Voltage
Response Time
Fall Time
Light Current
Soldering Temperature
*3
Power Dissipation
Collector Emitter Voltage
IF
VR
VCEO
Collector Current
Storage Temperature
*2
TSTG
Collector Power Dissipation
Output
Forward Voltage
Reverse Current
Capacitance
Dark Current
• Connector Type
V
V
30
5
Symbol
Forward Current
Unit
Photointerrupter(Transmissive)
Operating Temperature
*2
TOPR
IC
40
100
VECO
PD
Parameter
*1. Pulse width : tw≤100μsec.period : T=10msec
*3. For MAX. 5 seconds at the position of 1mm from the package
IR
Symbol
VF
Conditions
-20 ~ +75
Input
Output
10
MAX.
nm
-
940
-
Unit
V
μA


Similar Part No. - KPI23FTH

ManufacturerPart #DatasheetDescription
logo
Ningbo DSW Electronics ...
KPI2310 DSW-KPI2310 Datasheet
70Kb / 1P
Piezo Audio Indicator
More results

Similar Description - KPI23FTH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KIT-1001A KODENSHI-KIT-1001A Datasheet
63Kb / 2P
Photointerrupter(Transmissive)
KPI-23FTH KODENSHI-KPI-23FTH Datasheet
63Kb / 2P
Photointerrupter(Transmissive)
KPI-210C KODENSHI-KPI-210C Datasheet
77Kb / 4P
Photointerrupter(Transmissive)
KPI-211 KODENSHI-KPI-211 Datasheet
61Kb / 4P
Photointerrupter(Transmissive)
KPI-261D KODENSHI-KPI-261D Datasheet
60Kb / 2P
Photointerrupter(Transmissive)
KPI-511 KODENSHI-KPI-511 Datasheet
55Kb / 2P
Photointerrupter(Transmissive)
KPI-512 KODENSHI-KPI-512 Datasheet
59Kb / 2P
Photointerrupter(Transmissive)
KPI-L05 KODENSHI-KPI-L05 Datasheet
54Kb / 2P
Photointerrupter(Transmissive)
KPI-L06 KODENSHI-KPI-L06 Datasheet
68Kb / 2P
Photointerrupter(Transmissive)
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9300 AVAGO-AEDS-9300 Datasheet
168Kb / 6P
Transmissive Photointerrupter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com