Electronic Components Datasheet Search
  English  ▼

X  

RPD-75 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RPD-75
Description  75W Dual Output Medical Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPD-75 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RPD-75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPD-75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:RPD-75-SPEC2011-03-31
BlockDiagram
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
+V1
+V2
COM
I/P
FG
CONTROL
O.V.P.
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
fosc:65KHz
Unit:mm
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-20
0
10
20
30
40
50
60
70
20
50
80
100
133
ConvectionCooling
23.5CFM ForcedairCooling
DCOutputConnector(CN2):JST B8P-VHorequivalent
PinNo.
1,2
3,4,5
6,7
8
Assignment
V1
COM
V2
NC
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
ACInputConnector(CN1):JST B3P-VHorequivalent
PinNo.
1
2
3
Assignment
AC/N
NoPin
AC/L
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
CN2
3
CN1
1
2
1
8
7
6
4
3
2
5
4-
3.8
FAN
5.6
115.8
127
23.5CFMmin.
DeratingCurve
ACFUSE
T2.5/250V
HS1,HS2,HS3 can not be shorted
HS2
FS2 FS1
HS1
HS3
R P D - 7 5 series
75WDualOutputMedical Type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com