Electronic Components Datasheet Search
  English  ▼

X  

SC1110 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1110
Description  SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1110 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1110 Datasheet HTML 1Page - Semtech Corporation SC1110 Datasheet HTML 2Page - Semtech Corporation SC1110 Datasheet HTML 3Page - Semtech Corporation SC1110 Datasheet HTML 4Page - Semtech Corporation SC1110 Datasheet HTML 5Page - Semtech Corporation SC1110 Datasheet HTML 6Page - Semtech Corporation SC1110 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SC1110
SINK AND SOURCE DC/DC CONTROLLER FOR
TERMINATION POWER SUPPLY APPLICATIONS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - October 9, 2000
4
NOTE:
(1) All logic level inputs and outputs are open collector TTL compatible.
PIN DESCRIPTION
Pin #
Pin Name
Pin Function
1
VCC
Chip supply voltage.
2
SS/ENBL
Soft start/Enable.
3
OCSET
Current limit set point.
4
PWRGD
Logic high indicates correct output.
5
GND
Ground.
6
PHASE
Phase node connection between MOSFET’s.
7
DL
Low side driver output.
8
DH
High side driver output.
9
BSTH
High side drive supply.
10
BSTL
Low side drive supply.
11
COMP
Error amplifier output, compensation.
12
SENSE
Error amplifier negative input.
13
REFIN
Error amplifier positive input.
14
REFOUT
Buffered reference voltage.
PIN CONFIGURATION
Top View
(14-Pin SOIC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com