Electronic Components Datasheet Search
  English  ▼

X  

SC1109EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1109EVB
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1109EVB Datasheet HTML 4Page - Semtech Corporation SC1109EVB Datasheet HTML 5Page - Semtech Corporation SC1109EVB Datasheet HTML 6Page - Semtech Corporation SC1109EVB Datasheet HTML 7Page - Semtech Corporation SC1109EVB Datasheet HTML 8Page - Semtech Corporation SC1109EVB Datasheet HTML 9Page - Semtech Corporation SC1109EVB Datasheet HTML 10Page - Semtech Corporation SC1109EVB Datasheet HTML 11Page - Semtech Corporation SC1109EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
8
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
SC1109 (VTT) L ine Reg. vs Vin (Iout = 6.0A)
0.000%
0.050%
0.100%
0.150%
0.200%
0.250%
0.300%
0.350%
4.000
4.500
5.000
5.500
6.000
6.500
7.000
Vin (V)
IRL3103R(V1.8,V2.5 No load)
Typical VTT Line Regulation at Iout = 6 Amps
SC1109 (V TT ) L ine Reg. vs V in (Iout = 3.0A)
0.000%
0.020%
0.040%
0.060%
0.080%
0.100%
0.120%
4.700
4.800
4.900
5.000
5.100
5.200
5.300
V in (V)
IRL3103R(V1.8,V2.5 No load)
Typical VTT Line Regulation at Iout = 3 Amps
SC1109 (VTT) Eff. vs Iout (Vin = 5.0V)
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
0.00
2.00
4.00
6.00
8.00
Iout_Vtt (Amps)
IRL3103R(V1.8,V2.5 No load)
Typical VTT Efficiency at Vin=5V
SC1109 (VTT) Load Reg. vs Iout (Vin = 5.0V)
-0.600%
-0.500%
-0.400%
-0.300%
-0.200%
-0.100%
0.000%
0.00
2.00
4.00
6.00
8.00
Iout_Vtt (Amps)
IRL3103R(V1.8,V2.5 No load)
Typical VTT Load Regulation at Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com