Electronic Components Datasheet Search
  English  ▼

X  

MSP430F133IPM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F133IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F133IPM Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F133IPM Datasheet HTML 1Page - Texas Instruments MSP430F133IPM Datasheet HTML 2Page - Texas Instruments MSP430F133IPM Datasheet HTML 3Page - Texas Instruments MSP430F133IPM Datasheet HTML 4Page - Texas Instruments MSP430F133IPM Datasheet HTML 5Page - Texas Instruments MSP430F133IPM Datasheet HTML 6Page - Texas Instruments MSP430F133IPM Datasheet HTML 7Page - Texas Instruments MSP430F133IPM Datasheet HTML 8Page - Texas Instruments MSP430F133IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V . . . 3.6 V
D Ultralow-Power Consumption:
− Active Mode: 280
µA at 1 MHz, 2.2V
− Standby Mode: 1.6
µA
− Off Mode (RAM Retention): 0.1
µA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in less
than 6
µs
D 16-Bit RISC Architecture,
125-ns Instruction Cycle Time
D 12-Bit A/D Converter With Internal
Reference, Sample-and-Hold and Autoscan
Feature
D 16-Bit Timer_B With Seven
Capture/Compare-With-Shadow Registers
D 16-Bit Timer_A With Three
Capture/Compare Registers
D On-Chip Comparator
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Serial Communication Interface (USART),
Functions as Asynchronous UART or
Synchronous SPI Interface
− Two USARTs (USART0, USART1) —
MSP430x14x(1) Devices
− One USART (USART0) — MSP430x13x
Devices
D Family Members Include:
− MSP430F133:
8KB+256B Flash Memory,
256B RAM
− MSP430F135:
16KB+256B Flash Memory,
512B RAM
− MSP430F147, MSP430F1471†:
32KB+256B Flash Memory,
1KB RAM
− MSP430F148, MSP430F1481†:
48KB+256B Flash Memory,
2KB RAM
− MSP430F149, MSP430F1491†:
60KB+256B Flash Memory,
2KB RAM
D Available in 64-Pin Quad Flat Pack (QFP)
and 64-pin QFN
D For Complete Module Descriptions, See the
MSP430x1xx Family User’s Guide,
Literature Number SLAU049
† The MSP430F14x1 devices are identical to the MSP430F14x
devices with the exception that the ADC12 module is not
implemented.
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6
µs.
The MSP430x13x and the MSP430x14x(1) series are microcontroller configurations with two built-in 16-bit
timers, a fast 12-bit A/D converter (not implemented on the MSP430F14x1 devices), one or two universal serial
synchronous/asynchronous communication interfaces (USART), and 48 I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and
process and transmit the data to a host system. The timers make the configurations ideal for industrial control
applications such as ripple counters, digital motor control, EE-meters, hand-held meters, etc. The hardware
multiplier enhances the performance and offers a broad code and hardware-compatible family solution.
Copyright
 2000 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F133IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F133IPM TI-MSP430F133IPM Datasheet
1Mb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430F133IPM TI-MSP430F133IPM Datasheet
987Kb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430F133IPM TI1-MSP430F133IPM Datasheet
1Mb / 69P
MIXED SIGNAL MICROCONTROROLLER
MSP430F133IPM TI-MSP430F133IPM Datasheet
1Mb / 83P
MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
MSP430F133IPM TI2-MSP430F133IPM Datasheet
1Mb / 88P
MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
More results

Similar Description - MSP430F133IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com