Electronic Components Datasheet Search
  English  ▼

X  

MSP430F413IRTDR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F413IRTDR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F413IRTDR Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F413IRTDR Datasheet HTML 18Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 19Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 20Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 21Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 22Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 23Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 24Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 25Page - Texas Instruments MSP430F413IRTDR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
supply current into AVCC + DVCC excluding external current (see Note 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Active mode,
C41x
2.2 V
160
200
I
Active mode,
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
C41x
T
40
°Cto85°C
3 V
240
300
A
I(AM)
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
f(ACLK) = 32,768 Hz, XTS_FLL = 0
F41x
TA = −40°C to 85°C
2.2 V
200
250
μA
(ACLK)
(F41x: Program executes in flash)
F41x
3 V
300
350
Low-power mode (LPM0)
f(MCLK) = f(SMCLK) = f(DCO) = 0.5 MHz,
2.2 V
32
45
I
f(MCLK) = f(SMCLK) = f(DCO) = 0.5 MHz,
f(ACLK) = 32,768 Hz, XTS_FLL = 0
FN_8=FN_4=FN_3=FN_2=0 (see Note 3)
C41x
T
40
°Cto85°C
3 V
55
70
A
I(LPM0)
Low-power mode (LPM0)
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
C41x
F41x
TA = −40°C to 85°C
2.2 V
57
70
μA
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
f(ACLK) = 32,768 Hz, XTS_FLL = 0
FN_8=FN_4=FN_3=FN_2=0 (see Note 3)
3 V
92
100
I
Low power mode (LPM2) (see Note 3)
T
40
°Cto85°C
2.2 V
11
14
A
I(LPM2)
Low-power mode (LPM2) (see Note 3)
TA = −40°C to 85°C
3 V
17
22
μA
TA = −40°C
0.95
1.4
TA = −10°C
0.8
1.3
TA = 25°C
2.2 V
0.7
1.2
TA = 60°C
2.2 V
0.95
1.4
I
Low power mode (LPM3) (see Note 2 and Note 3)
TA = 85°C
1.6
2.3
A
I(LPM3)
Low-power mode (LPM3) (see Note 2 and Note 3)
TA = −40°C
1.1
1.7
μA
TA = −10°C
1.0
1.6
TA = 25°C
3 V
0.9
1.5
TA = 60°C
3 V
1.1
1.7
TA = 85°C
2.0
2.6
TA = −40°C
0.1
0.5
I(LPM4)
Low-power mode (LPM4) (see Note 3)
TA = 25°C
2.2 V/3 V
0.1
0.5
μA
I(LPM4)
Low power mode (LPM4) (see Note 3)
TA = 85°C
2.2 V/3 V
0.8
2.5
μA
NOTES:
1. All inputs are tied to 0 V or VCC. Outputs do not source or sink any current. The current consumption is measured with active Basic
Timer1 and LCD (ACLK selected).
The current consumption of the Comparator_A and the SVS module are specified in the respective sections.
2. The LPM3 currents are characterized with a KDS Daishinku DT−38 (6 pF) crystal.
3. Current for brownout included.
current consumption of active mode versus system frequency
I(AM) = I(AM) [1 MHz] × f(System) [MHz]
current consumption of active mode versus supply voltage
I(AM) = I(AM) [3 V] + 140 μA/V × (VCC – 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com