Electronic Components Datasheet Search
  English  ▼

X  

TMP103BYFFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103BYFFR
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP103BYFFR Datasheet(HTML) 2 Page - Texas Instruments

  TMP103BYFFR Datasheet HTML 1Page - Texas Instruments TMP103BYFFR Datasheet HTML 2Page - Texas Instruments TMP103BYFFR Datasheet HTML 3Page - Texas Instruments TMP103BYFFR Datasheet HTML 4Page - Texas Instruments TMP103BYFFR Datasheet HTML 5Page - Texas Instruments TMP103BYFFR Datasheet HTML 6Page - Texas Instruments TMP103BYFFR Datasheet HTML 7Page - Texas Instruments TMP103BYFFR Datasheet HTML 8Page - Texas Instruments TMP103BYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TMP103
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION (1)
PACKAGE
PACKAGE
ORDERING
PRODUCT
ADDRESS
PACKAGE-LEAD
DESIGNATOR
MARKING
NUMBER
TMP103AYFFR
TMP103A
1110000
DSBGA-4
YFF
TA
TMP103AYFFT
TMP103BYFFR
TMP103B
1110001
DSBGA-4
YFF
TB
TMP103BYFFT
TMP103CYFFR
TMP103C
1110010
DSBGA-4
YFF
TC
TMP103CYFFT
TMP103DYFFR
TMP103D
1110011
DSBGA-4
YFF
TD
TMP103DYFFT
TMP103EYFFR
TMP103E
1110100
DSBGA-4
YFF
TE
TMP103EYFFT
TMP103FYFFR
TMP103F
1110101
DSBGA-4
YFF
TF
TMP103FYFFT
TMP103GYFFR
TMP103G
1110110
DSBGA-4
YFF
TG
TMP103GYFFT
TMP103HYFFR
TMP103H
1110111
DSBGA-4
YFF
TH
TMP103HYFFT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device prodict folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
TMP103
UNIT
Supply Voltage
3.6
V
Input Voltage(2)
–0.3 to (V+) + 0.3
V
Operating Temperature
–55 to +150
°C
Storage Temperature
–60 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
2000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input voltage rating applies to all TMP103 input voltages.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com